Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT7697DN Datasheet(PDF) 51 Page - List of Unclassifed Manufacturers

Part # MT7697DN
Description  Internet-of-Things Wireless Connectivity
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697DN Datasheet(HTML) 51 Page - List of Unclassifed Manufacturers

Back Button MT7697DN Datasheet HTML 47Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 48Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 49Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 50Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 51Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 52Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 53Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 54Page - List of Unclassifed Manufacturers MT7697DN Datasheet HTML 55Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 84 page
background image
MT7697D
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 51 of 84
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
2.6.4
N9 Bus Fabric
N9
ILM ROM (832KB)
ILM RAM (320KB)
DLM RAM (200KB)
N9 AHB bus
Generic DMA
APB
bridge
APB1 bus
PSE
GPT
CIRQ
PDA
GDMA
CONFIG
UART_D
SN
UART_P
TA
RDD
BT_SBC
EFUSE
MAC
ACCLR
UART
/BTIF
CM4
Interface to CM4 bus/peripheral
N9 peripheral
APB
bridge
SYSRAM_N9
(52KB)
APB0 bus
TOP
CONFIG
N9
CONFIG
PTA
Command Batch
(low power data
retention)
WiFi HIF
Asyncrhrous AHB-2-
AHB bridge
(CM4 bus to N9 bus)
SYSTEM BUS
Asyncrhrous AHB-2-
AHB bridge
(N9 bus to CM4 bus)
CM4 AHB bus
WIFI MAC
WDT
HIF
CONFIG
BTSYS
WIFI Baseband
WIFI RF
Figure 2-21. N9 Bus Fabric
Functional description:
Command batch: Used to save/restore the critical CR and memory data when entering
and leaving the low power mode.
Wi-Fi HIF: The host control and data interface from N9 to Wi-Fi subsystem.
Wi-Fi PSE: The Packet switch engine used to transfer packet from N9 to Wi-Fi MAC/Radio
or from CM4 to Wi-Fi MAC/Radio, and vice versa.
PDA: Packet Decryption Agent, used to download firmware and decipher the firmware
which is encrypted to avoid eavesdrop.
PTA: Packet Traffic Arbitration, used to do the traffic arbitration of Wi-Fi and Bluetooth
when the two radios are transmitting and receiving at the same time.
RDD: The Wi-Fi debug function.
BT_SBC: The hardware accelerating engine for Bluetooth audio codec.
EFUSE: The Efuse macro used for the configuration of Wi-Fi/Bluetooth MAC and Radio.
ACCLR: The hardware accelerating engine for Bluetooth Packet Loss Concealment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com