Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T25S32ASIPT Datasheet(PDF) 34 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # T25S32ASIPT
Description  3V 128M-BIT SERIAL NOR FLASH WITH DUAL AND QUAD SPI&QPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

T25S32ASIPT Datasheet(HTML) 34 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button T25S32ASIPT Datasheet HTML 30Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S32ASIPT Datasheet HTML 31Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S32ASIPT Datasheet HTML 32Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S32ASIPT Datasheet HTML 33Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S32ASIPT Datasheet HTML 34Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S32ASIPT Datasheet HTML 35Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S32ASIPT Datasheet HTML 36Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S32ASIPT Datasheet HTML 37Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S32ASIPT Datasheet HTML 38Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 74 page
background image
34
Table 7.1 Command Set (Configuration, Status, Erase, Program Instructions (1), SPI Mode)
Command Name
BYTE 1
(Instruction)
BYTE 2
BYTE 3
BYTE 4
BYTE 5
BYTE 6
Read Status Register-1
05h
SR1[7:0](2)
Read Status Register-2
35h
SR2[7:0](2)
Read Status Register-3
15h/33h
SR3[7:0](2)
Write Enable
06h
Write Enable for Volatile
Status Register
50h
Write Disable
04h
Write Status Registers-1
01h
SR1[7:0](5)
Write Status Registers-2
31h
SR2[7:0]
Write Status Registers-3
11h
SR3[7:0]
Set Burst with Wrap
77h
xxh
xxh
xxh
W[7:0](3)
Global Block Lock
7Eh
Global Block Unlock
98h
Read Block Lock
3Dh
A23—A16
A15—A8
A7—A0
L7—L0
Individual Block Lock
36h
A23—A16
A15—A8
A7—A0
Individual Block Unlock
39h
A23—A16
A15—A8
A7—A0
Page Program
02h
A23—A16
A15—A8
A7—A0
D7—D0
Quad Page Program
32h
A23—A16
A15—A8
A7—A0
D7—D0(4)
Sector Erase (4 KB)
20h
A23—A16
A15—A8
A7—A0
Block Erase (32 KB)
52h
A23—A16
A15—A8
A7—A0
Block Erase (64 KB)
D8h
A23—A16
A15—A8
A7—A0
Chip Erase
C7h/60h
Erase/Program
Suspend
75h
Erase/Program Resume
7Ah
Enter QPI Mode
38h
Enable Reset
66h
Reset Device
99h
Notes:
1. Data bytes are shifted with Most Significant Bit first. Byte fields with data in parenthesis “()” indicate data
being read from the device on the DO pin.
2. Status Register contents will repeat continuously until CS# terminates the command.
3. Set Burst with Wrap Input format.
IO0 = x, x, x, x, x, x, W4, x]
IO1 = x, x, x, x, x, x, W5, x]
IO2 = x, x, x, x, x, x, W6 x]
IO3 = x, x, x, x, x, x, x,x
4. Quad Page Program Input Data:
IO0 =(D4,D0,...)
IO1 = ( D5,D1,...)
IO2 = ( D6,D2,...)
IO3 =( D7,D3,...)
5. The 01h command could continuously write up to three bytes to registers SR1, SR2, SR3.
HM25Q128A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com