Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T25Q80ASIPT Datasheet(PDF) 29 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # T25Q80ASIPT
Description  3V 128M-BIT SERIAL NOR FLASH WITH DUAL AND QUAD SPI&QPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

T25Q80ASIPT Datasheet(HTML) 29 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button T25Q80ASIPT Datasheet HTML 25Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25Q80ASIPT Datasheet HTML 26Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25Q80ASIPT Datasheet HTML 27Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25Q80ASIPT Datasheet HTML 28Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25Q80ASIPT Datasheet HTML 29Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25Q80ASIPT Datasheet HTML 30Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25Q80ASIPT Datasheet HTML 31Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25Q80ASIPT Datasheet HTML 32Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25Q80ASIPT Datasheet HTML 33Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 74 page
background image
29
6.3.2 Block Protection Maps
Table 6.6
HM25Q128A
Block Protection (WPS = 0,CMP = 0)
Status Register (1)
ZB25VQ128(128 Mbit) Block Protection (CMP=0) (2)
SEC
TB
BP2
BP1
BP0
Protected Block(s)
Protected Addresses
Protected
Density
Protected
Portion
X
X
0
0
0
None
None
None
None
0
0
0
0
1
252 thru 255
FC0000h – FFFFFFh
256KB
Upper 1/64
0
0
0
1
0
248 thru 255
F80000h – FFFFFFh
512 kB
Upper 1/32
0
0
0
1
1
240 thru 255
F00000h – FFFFFFh
1 MB
Upper 1/16
0
0
1
0
0
224 thru 255
E00000h – FFFFFFh
2 MB
Upper 1/8
0
0
1
0
1
192 thru 255
C00000h – FFFFFFh
4 MB
Upper 1/4
0
0
1
1
0
128 thru 255
800000h – FFFFFFh
8 MB
Upper 1/2
0
1
0
0
1
0 thru 3
000000h – 03FFFFh
256 kB
Lower 1/64
0
1
0
1
0
0 thru 7
000000h – 07FFFFh
512 kB
Lower 1/32
0
1
0
1
1
0 thru 15
000000h – 0FFFFFh
1 MB
Lower 1/16
0
1
1
0
0
0 thru 31
000000h – 1FFFFFh
2 MB
Lower 1/8
0
1
1
0
1
0 thru 63
000000h – 3FFFFFh
4 MB
Lower 1/4
0
1
1
1
0
0 thru 127
000000h – 7FFFFFh
8 MB
Lower 1/2
X
X
1
1
1
0 thru 255
000000h – FFFFFFh
16 MB
All
1
0
0
0
1
255
FFF000h – FFFFFFh
4 kB
Upper
1/4096
1
0
0
1
0
255
FFE000h – FFFFFFh
8 kB
Upper
1/2048
1
0
0
1
1
255
FFC000h – FFFFFFh
16 kB
Upper
1/1024
1
0
1
0
X
255
FF8000h – FFFFFFh
32 kB
Upper
1/512
1
1
0
0
1
0
000000h – 000FFFh
4 kB
Lower
1/4096
1
1
0
1
0
0
000000h – 001FFFh
8 kB
Lower
1/2048
1
1
0
1
1
0
000000h – 003FFFh
16 kB
Lower
1/1024
1
1
1
0
X
0
000000h – 007FFFh
32 kB
Lower
1/512
Notes:
1. X = don’t care.
2. If any Erase or Program command specifies a memory region that contains protected data portion, this command will be ignored.
HM25Q128A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com