Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T25D64ASIPT Datasheet(PDF) 22 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # T25D64ASIPT
Description  3V 128M-BIT SERIAL NOR FLASH WITH DUAL AND QUAD SPI&QPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

T25D64ASIPT Datasheet(HTML) 22 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button T25D64ASIPT Datasheet HTML 18Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D64ASIPT Datasheet HTML 19Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D64ASIPT Datasheet HTML 20Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D64ASIPT Datasheet HTML 21Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D64ASIPT Datasheet HTML 22Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D64ASIPT Datasheet HTML 23Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D64ASIPT Datasheet HTML 24Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D64ASIPT Datasheet HTML 25Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D64ASIPT Datasheet HTML 26Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 74 page
background image
22
1. While a faster RESET# pulse (as short as a few hundred nanoseconds) will often reset the device, a 1us minimum is recommended to
ensure reliable operation.
6.2. Status Register
The Read and Write Status Registers commands can be used to provide status and control of the flash
memory device.
Status Register-1 (SR1) and Status Register-2 (SR2) can be used to provide status on the availability of
the flash memory array, whether the device is write enabled or disabled, the state of write protection, Quad
SPI setting, Security Register lock status, and Erase / Program Suspend status.
SR1 and SR2 contain non-volatile bits in locations SR1[7:2] and SR2[6:3], SR2[1] that control sector
protection, OTP Register Protection, Status Register Protection, and Quad mode. Bits located in SR2[7],
SR1[1], and SR1[0] are read only volatile bits for suspend, write enable, and busy status. These are updated
by the memory control logic. The SR1[1] write enable bit is set only by the Write Enable (06h) command and
cleared by the memory control logic when an embedded operation is completed.
Write access to the non-volatile Status Register bits is controlled by the state of the non-volatile Status
Register Protect bits SR1[7] and SR2[0] (SRP0, SRP1), the Write Enable command (06h) preceding a Write
Status Registers command, and while Quad mode is not enabled, the WP# pin.
A volatile version of bits SR2[6], SR2[1], and SR1[7:2] that control sector protection and Quad Mode is
used to control the behavior of these features after power up. During power up or software reset, these
volatile bits are loaded from the non-volatile version of the Status Register bits. The Write Enable for Volatile
Status Register (50h) command can be used to write these volatile bits when the command is followed by a
Write Status Registers (01h/31h/11h) command. This gives more flexibility to change the system configuration
and memory protection schemes quickly without waiting for the typical non-volatile bit write cycles or affecting
the endurance of the Status Register non-volatile bits.
Write access to the volatile SR1, SR2 and SR3 Status Register bits is controlled by the state of the
non-volatile Status Register Protect bits SR1[7] and SR2[0] (SRP0, SRP1), the Write Enable for Volatile
Status Register command (50h) preceding a Write Status Registers command, and the WP# pin while Quad
mode is not enabled.
Status Register-3 (SR3) is used to configure and provide status on the variable HOLD# or RESET#
function, Output Driver Strength, High Frequency Enable Bit, Write Protect Selection and read latency.
Write access to the volatile SR3 Status Register bits is controlled by Write Enable for Volatile Status
Register command (50h) preceding a Write Status Register command.
HM25Q128A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com