Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T25D16ASIPT Datasheet(PDF) 17 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # T25D16ASIPT
Description  3V 128M-BIT SERIAL NOR FLASH WITH DUAL AND QUAD SPI&QPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

T25D16ASIPT Datasheet(HTML) 17 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button T25D16ASIPT Datasheet HTML 13Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D16ASIPT Datasheet HTML 14Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D16ASIPT Datasheet HTML 15Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D16ASIPT Datasheet HTML 16Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D16ASIPT Datasheet HTML 17Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D16ASIPT Datasheet HTML 18Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D16ASIPT Datasheet HTML 19Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D16ASIPT Datasheet HTML 20Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D16ASIPT Datasheet HTML 21Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 74 page
background image
17
Table 5.4 Basic SPI Flash Parameter, JEDEC SFDP Rev B (Sheet 3 of 5)
SFDP
Parameter
Relative Byte
Address
SFDP
Dword
Name
Data
Description
58h
JEDEC
Basic
Flash
Parameter
Dword-11
81h
Bits 23 = Byte Program Typical time, additional byte units (0b:1 μs, 1b:8 μs) = 1 μs
= 0b
Bits 22:19 = Byte Program Typical time, additional byte count, (count+1)*units,
count = 0010b,(typ Program time = (count +1) * units) = 3*1 μs =3 μs
Bits 18 = Byte Program Typical time, first byte units (0b:1 μs, 1b:8 μs) = 8 μs = 1b
Bits 17:14 = Byte Program Typical time, first byte count, (count+1)*units, count =
0001b, (typ Program time = (count +1) * units) = 2*8 μs = 16 μs
Bits 13 = Page Program Typical time units (0b:8 μs, 1b:64 μs) = 64 μs = 1b
Bits 12:8 = Page Program Typical time count, (count+1)*units, count = 00111b, (typ
Program time = (count +1) * units) = 8*64 μs = 500 μs
Bits 7:4 = N = 1000b, Page size= 2N = 256B page
Bits 3:0 = Count = 0001b = (Max Page Program time / (2 * Typ Page Program
time))- 1
Multiplier from typical Page Program time to maximum Page Program time = 4x
multiplier
Max Page Program time = 2*(Count +1)*Typ Page Program time
Binary Fields: 0-0010-1-0001-1-00111-1000-0001
Nibble Format: 0001_0100_0110_0111_1000_0001
Hex Format: 14_67_81
59h
67h
5Ah
14h
5Bh
CCh
128 Mb = 1100_1100b = CCh
Bit 31 Reserved = 1b
Bits 30:29 = Chip Erase, Typical time units (00b: 16 ms, 01b: 256 ms, 10b: 4 s, 11b:
64 s) = 4s= 10b
Bits 28:24 = Chip Erase, Typical time count, (count+1)*units, count = 01100b, (typ
Program time = (count +1) * units) = 13*4s = 50s
5Ch
JEDEC
Basic
Flash
Parameter
Dword-12
EDh
Bit 31 = Suspend and Resume supported = 0b
Bits 30:29 = Suspend in-progress erase max latency units (00b: 128ns, 01b: 1us,
10b: 8 μs,11b: 64 μs) = 1 μs= 01b
Bits 28:24 = Suspend in-progress erase max latency count = 10011b, max erase
suspend latency = (count +1) * units = 20*1 μs = 20 μs
Bits 23:20 = Erase resume to suspend interval count = 0001b, interval = (count +1)
* 64 μs = 2* 64 μs = 128 μs
Bits 19:18 = Suspend in-progress program max latency units (00b: 128ns, 01b: 1us,
10b: 8 μs,11b: 64 μs) = 1 μs= 01b
Bits 17:13 = Suspend in-progress program max latency count = 10011b, max erase
suspend latency = (count +1) * units = 20*1 μs = 20 μs
Bits 12:9 = Program resume to suspend interval count = 0001b, interval = (count
+1) * 64 μs =2 * 64 μs = 128 μs
Bit 8 = RFU = 1b
Bits 7:4 = Prohibited operations during erase suspend
= xxx0b: May not initiate a new erase anywhere (erase nesting not permitted)
+ xx1xb: May not initiate a page program in the erase suspended sector size
+ x1xxb: May not initiate a read in the erase suspended sector size
+ 1xxxb: The erase and program restrictions in bits 5:4 are sufficient
= 1110b
Bits 3:0 = Prohibited Operations During Program Suspend
= xxx1b: May not initiate a new erase in the program suspended page size
+ xx0xb: May not initiate a new page program anywhere (program nesting not
permitted)
+ x1xxb: May not initiate a read in the program suspended page size
+ 1xxxb: The erase and program restrictions in bits 1:0 are sufficient
= 1101b
Binary Fields: 0-01-10011-0001-01-10011-0001-1-1110-1101
Nibble Format: 0011_0011_0001_0110_0110_0011_1110_1101
Hex Format: 33_16_63_ED
5Dh
63h
5Eh
16h
5Fh
33h
HM25Q128A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com