Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T25S16ASIPT Datasheet(PDF) 23 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # T25S16ASIPT
Description  3V 128M-BIT SERIAL NOR FLASH WITH DUAL AND QUAD SPI&QPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

T25S16ASIPT Datasheet(HTML) 23 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button T25S16ASIPT Datasheet HTML 19Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S16ASIPT Datasheet HTML 20Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S16ASIPT Datasheet HTML 21Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S16ASIPT Datasheet HTML 22Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S16ASIPT Datasheet HTML 23Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S16ASIPT Datasheet HTML 24Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S16ASIPT Datasheet HTML 25Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S16ASIPT Datasheet HTML 26Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S16ASIPT Datasheet HTML 27Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 74 page
background image
23
Table 6.1 Status Register-1 (SR1)
Bits
Field
Function
Type
Default
State
Description
7
SRP0
Status Register
Protect 0
Non-volatile
and Volatile
versions
0
0 = WP# input has no effect or Power Supply
Lock Down mode
1 = WP# input can protect the Status
Register or OTP Lock Down.
6
SEC
Sector / Block
Protect
0
0 = BP2-BP0 protect 64-kB blocks
1 = BP2-BP0 protect 4-kB sectors
5
TB
Top / Bottom
protect
0
0 = BP2-BP0 protect from the Top down
1 = BP2-BP0 protect from the Bottom up
4
BP2
Block Protect
Bits
0
000b = No protection
3
BP1
0
2
BP0
0
1
WEL
Write Enable
Latch
Volatile,
Read only
0
0 = Not Write Enabled, no embedded
operation can start
1 = Write Enabled, embedded operation can
start
0
BUSY
Embedded
Operation
Status
Volatile,
Read only
0
0 = Not Busy, no embedded operation in
progress
1 = Busy, embedded operation in progress
Table 6.2 Status Register-2 (SR2)
Bits
Field
Function
Type
Default
State
Description
7
SUS
Suspend Status
Volatile, Read
Only
0
0 = Erase / Program not suspended
1 = Erase / Program suspended
6
CMP
Complement
Protect
Non-volatile and
Volatile versions
0
0 = Normal Protection Map
1 = Complementary Protection Map
5
LB3
Security Register
Lock Bits
OTP
0
OTP Lock Bits 3:0 for Security Registers
3:0
0 = Security Register not protected
1 = Security Register protected
4
LB2
0
3
LB1
0
2
Reserv
ed
0
1
QE
Quad Enable
Non-volatile and
Volatile versions
0
0 = Quad Mode Not Enabled, the WP# pin
and HOLD# / RESET# are enabled
1 = Quad Mode Enabled, the IO2 and IO3
pins are enabled, and WP# and HOLD# /
RESET# functions are disabled
0
SRP1
Status Register
Protect 1
0
0 = SRP1 selects whether WP# input has
effect on protection of the status register
1 = SRP1 selects Power Supply Lock Down
or OTP Lock Down mode
Note:
1. Reserved bit should be considered don't care for read.
HM25Q128A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com