Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T25Q40ASIPT Datasheet(PDF) 27 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # T25Q40ASIPT
Description  3V 128M-BIT SERIAL NOR FLASH WITH DUAL AND QUAD SPI&QPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

T25Q40ASIPT Datasheet(HTML) 27 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button T25Q40ASIPT Datasheet HTML 23Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25Q40ASIPT Datasheet HTML 24Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25Q40ASIPT Datasheet HTML 25Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25Q40ASIPT Datasheet HTML 26Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25Q40ASIPT Datasheet HTML 27Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25Q40ASIPT Datasheet HTML 28Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25Q40ASIPT Datasheet HTML 29Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25Q40ASIPT Datasheet HTML 30Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25Q40ASIPT Datasheet HTML 31Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 74 page
background image
27
Table 6.5 Latency Cycles Versus Frequency for -40°C to 85°C/105°C at 2.3V to 3.6V
Latency Control
Read Command Maximum Frequency (MHz)
Fast Read
Dual
Output
Dual I/O
Quad
Output
Quad I/O
Word Read
Quad I/O
00
(legacy read latency)
104
(8 dummy)
104
(8 dummy)
104
(4 mode, 0
dummy)
104
(8 dummy)
104
(2 mode, 4
dummy)
104
(2 mode, 2
dummy)
01(2 dummy)
104
104
104
90
75
104
10(4 dummy)
104
104
104
104
104
104
11(6 dummy)
104
104
104
104
104
104
Notes:
1. The default dummy referred in this document is the dummy configuration when LC[1:0]=0.
2.Value guaranteed by design and/or characterization, not 100% tested in production.
6.3. Write Protection
Applications that use non-volatile memory must take into consideration the possibility of noise and other
adverse system conditions that may compromise data integrity. To address this concern the ZB25VQ128
provides the following data protection mechanisms:
6.3.1 Write Protect Features
Device resets when VCC is below threshold
Time delay write disable after Power-Up
Write enable / disable commands and automatic write disable after erase or program
Command length protection
- All commands that Write, Program or Erase must complete on a byte boundary (CS# driven high after
a full 8 bits have been clocked) otherwise the command will be ignored.
Software and Hardware write protection using Status Register control
- WP# input protection
- Lock Down write protection until next power-up or Software Reset
- One-Time Program (OTP) write protection
Additional Individual Block/Sector Locks for array protection
Write Protection using the Deep Power-Down command
Upon power-up or at power-down, the
HM25Q128A
will maintain a reset condition while VCC is below the
threshold value of VWI, (see Figure 8.1). While reset, all operations are disabled and no commands are
recognized. During power-up and after the VCC voltage exceeds VWI, all program and erase related
commands are further disabled for a time delay of tPUW. This includes the Write Enable, Page Program,
Sector Erase, Block Erase, Chip Erase and the Write Status Registers commands. Note that the chip select
pin (CS#) must track the VCC supply level at power-up until the VCC-min level and tVSL time delay is reached.
If needed a pull-up resistor on CS# can be used to accomplish this.
After power-up the device is automatically placed in a write-disabled state with the Status Register Write
Enable Latch (WEL) set to a 0. A Write Enable command must be issued before a Page Program, Sector
Erase, Block Erase, Chip Erase or Write Status Registers command will be accepted. After completing a
program, erase or write command the Write Enable Latch (WEL) is automatically cleared to a write-disabled
state of 0.
Software controlled main flash array write protection is facilitated using the Write Status Registers
command to write the Status Register (SR1,SR2) and Block Protect (SEC, TB, BP2, BP1 and BP0) bits.
HM25Q128A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com