Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD8017 Datasheet(PDF) 6 Page - SHOUDING Shouding Semiconductor

Part # SD8017
Description  Standalone Linear Lithium Battery Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOUDING [SHOUDING Shouding Semiconductor]
Direct Link  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SD8017 Datasheet(HTML) 6 Page - SHOUDING Shouding Semiconductor

  SD8017 Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SD8017 Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SD8017 Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SD8017 Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SD8017 Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SD8017 Datasheet HTML 6Page - SHOUDING Shouding Semiconductor SD8017 Datasheet HTML 7Page - SHOUDING Shouding Semiconductor SD8017 Datasheet HTML 8Page - SHOUDING Shouding Semiconductor SD8017 Datasheet HTML 9Page - SHOUDING Shouding Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
The SD8017 constantly monitors the BAT pin voltage
programmed value, the SD8017 terminates the
the SD8017 enters standby
float
voltage
(4.2V),
the
SD8017
enters
the SD8017 supplies approximately 1/10 the
components. Furthermore, the SD8017 is capable
final float voltage accuracy of ±1%. The SD8017
The SD8017 is a single cell lithium-ion battery
Revision 10/9/2008
current are calculated using the following equations:
1060
1060
,
PROG
CHG
CHG
PROG
VV
RI
IR
==
,
The charge current out of the BAT pin can be
determined at any time by monitoring the PROG pin
voltage using the following equation:
1060
PROG
BAT
PROG
V
I
R
=•
This actual current will vary from IC to IC. The typical
variation is within +/-20%.
Operation
charger using a constant-current/constant-voltage
algorithm. It can deliver up to 800mA of charge
current (using a good thermal PCB layout) with a
includes an internal P-channel power MOSFET and
thermal regulation circuitry. No blocking diode or
external current sense resistor is required; thus, the
basic charger circuit requires only two external
of operating from a USB power source.
Normal Charge Cycle
A charge cycle begins when the voltage at the VCC
pin rises above the UVLO threshold level and a 1%
program resistor is connected from the PROG pin to
ground or when a battery is connected to the
charger output. If the BAT pin is less than 2.8V, the
charger enters trickle charge mode. In this mode,
programmed charge current to bring the battery
voltage up to a safe level for full current charging.
When the BAT pin voltage rises above 2.8V, the
charger enters constant-current mode, where the
programmed charge current is supplied to the
battery. When the BAT pin approaches the final
constant-voltage mode and the charge current
begins to decrease. When the charge current drops
to 1/10 of the programmed value, the charge cycle
ends.
Programming Charge Current
The charge current is programmed using a single
resistor from the PROG pin to ground. The battery
charge current is 1060 times the current out of the
PROG pin. The program resistor and the charge
Charge Termination
A charge cycle is terminated when the charge current
falls to 1/10th the programmed value after the final
float voltage is reached. This condition is detected by
using an internal, filtered comparator to monitor the
PROG pin. When the PROG pin voltage falls below
100mV for longer than tTERM (typically 1ms), charging
is terminated. The charge current is latched off and
mode, where the input
supply current drops to 200mA. (Note: C/10
termination is disabled in trickle charging and thermal
limiting modes).
When charging, transient loads on the BAT pin can
cause the PROG pin to fall below 100mV for short
periods of time before the DC charge current has
dropped to 1/10th the programmed value. The 1ms
filter time (tTERM) on the termination comparator
ensures that transient loads of this nature do not
result in premature charge cycle termination. Once
the average charge current drops below 1/10th the
charge cycle and ceases to provide any current
through the BAT pin. In this state, all loads on the
BAT pin must be supplied by the battery.
6
www.shouding.net
SD8017
Shouding



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com