Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM721 Datasheet(PDF) 11 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM721
Description  12MHz, High Slew Rate, RRIO CMOS Operational Amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM721 Datasheet(HTML) 11 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM721 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM721 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM721 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM721 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM721 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM721 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM721 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM721 Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM721 Datasheet HTML 13Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
Package Outlines
SC70-5 (SOT353)
SOT23-5
Symbol
Dimensions
In Millimeters
Dimensions
In Inches
Min
Max
Min
Max
A
0.900
1.100
0.035
0.043
A1
0.000
0.100
0.000
0.004
A2
0.900
1.000
0.035
0.039
b
0.150
0.350
0.006
0.014
C
0.080
0.150
0.003
0.006
D
2.000
2.200
0.079
0.087
E
1.150
1.350
0.045
0.053
E1
2.150
2.450
0.085
0.096
e
0.650 typ.
0.026 typ.
e1
1.200
1.400
0.047
0.055
L
0.525 ref.
0.021 ref.
L1
0.260
0.460
0.010
0.018
θ0°
8°
0°
8°
Symbol
Dimensions
In Millimeters
Dimensions
In Inches
Min
Max
Min
Max
A
1.040
1.350
0.042
0.055
A1
0.040
0.150
0.002
0.006
A2
1.000
1.200
0.041
0.049
b
0.380
0.480
0.015
0.020
c
0.110
0.210
0.004
0.009
D
2.720
3.120
0.111
0.127
E
1.400
1.800
0.057
0.073
E1
2.600
3.000
0.106
0.122
e
0.950 typ.
0.037 typ.
e1
1.900 typ.
0.078 typ.
L
0.700 ref.
0.028 ref.
L1
0.300
0.600
0.012
0.024
θ0°
8°
0°
8°
L1
C
θ
D
e
E
E1
e1
b
A2
A1
A
L
HM721, HM722, HM724
12MHz, High Slew Rate, RRIO CMOS Operational Amplifiers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com