Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM1465 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1465
Description  40Vin 4 Outputs Buck Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1465 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM1465 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1465 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1465 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1465 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1465 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1465 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1465 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1465 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1465 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
40Vin 4 Outputs Buck Controller
Recommended Operating Conditions 
Symbol 
Parameter 
Rating 
Unit
Min. 
Typ. 
Max. 
VIN 
Supply Voltage 
9 ‐ 
40 
V 
VOUT 
Output voltage range 
1.2 ‐ 
28 
V 
IOUT 
Output current range ‐ 
‐ 
20 
A 
 
Operating Temperature ‐40 ‐ 
85 
ºC 
TSTG 
Storage Temperature Range ‐60 ‐ 
150 
ºC 
TSDR 
Maximum Lead Soldering Temperature, 10 Seconds 
260 
ºC 
Electrical Characteristics 
(VIN=12V, TA=25°C (unless otherwise specified). MOSFET use 
)
 
Symbol  
Characteristic 
Test conditions  
Min  
Typ  
Max  
Unit  
VIN   
Supply Voltage 
 
9   ‐ 
40 
V 
IIN   
Supply Input Current 
EN=3V, Vout=5V,No load 
0.5 
1.5 
3.0 
mA 
IQ   
Shutdown Supply Current 
EN=0   ‐ 
  10 ‐ 
uA  
VIN UVLO  
VUP   
VIN UVLO Turn ON 
VIN Rising 
8.2 
8.5 
8.9 
V 
VHYS 
VIN UVLO Hysteresis 
VIN Falling   ‐ 
1.0   ‐ 
V 
Feedback voltage   
VFB   
Feedback voltage 
VEN=3V 
1.176 
1.20 
1.224 
V 
  
Tolerance  
‐2 
  ‐ 
2 
% 
Oscillator 
FSW  
Switch frequency 
RFREQ=60Kohm 
170 
200 
230 
KHz 
TON  
Minimum On‐Time  
  ‐ 
100   ‐ 
ns 
D 
Duty cycle  
  ‐ 
  ‐ 
95 
% 
Current sense 
VTOCP  
OCP threshold  
100 
108 
116 
mV 
IFB  
Cable compensation Current 
Cout1‐4=50mv   ‐ 
4.5 
  ‐ 
uA 
HDR & LDR Drivers 
 
TRH  
HDR Rising Time  
 
  ‐ 
10 
  ‐ 
ns 
TFH  
HDR Falling Time 
 
  ‐ 
10 
  ‐ 
ns 
TRL 
LDR Rising Time 
 
  ‐ 
10 
  ‐ 
ns 
TFL 
LDR Falling Time 
 
  ‐ 
10 
  ‐ 
ns 
TLH 
Dead Time 
 
  ‐ 
40 
  ‐ 
ns 
THL 
Dead Time 
 
  ‐ 
40 
  ‐ 
ns 
40Vin 4 Outputs Buck Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com