Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM1468 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1468
Description  High-Performance PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1468 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM1468 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1468 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1468 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1468 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1468 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1468 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1468 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1468 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1468 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
 
 
 
 
Absolute Maximum Ratings 
Symbol
Parameter
Rating
Unit
VCC
VCC Supply Voltage (VCC to GND)
‐0.3 ~ 7
V
VBOOT‐GND
BOOT Supply Voltage (BOOT to GND)
‐0.3 ~ 35
V
VBOOT
BOOT Supply Voltage (BOOT to PHASE)
‐0.3 ~ 7
V
All Other Pins (POK, OCSET, EN, FB, and RF to GND)
‐0.3 ~ VCC+0.3
V
UGATE Voltage (UGATE to PHASE)   Pulse Width <400ns  
Pulse Width>400ns 
‐5 ~ VBOOT+0.3 
‐0.3 ~ VBOOT+0.3
V
LGATE Voltage (LGATE to GND) 
Pulse Width <400ns  
Pulse Width>400ns 
‐5 ~ VCC+0.3 
‐0.3 ~ VCC+0.3
V
VPHASE
PHASE Voltage (PHASE to GND)
Pulse Width <400ns  
Pulse Width>400ns
‐5 ~ 35 
‐1 ~ 32
V
TJ
Maximum Junction Temperature
150
o
C
TSTG
Storage Temperature
‐65 ~ 150
o
C
TSDR
Maximum Soldering Temperature, 10 Seconds
260
o
C
Note: Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability
Recommended Operating Conditions 
Symbol
Parameter
Range
Unit
V
IN
Converter Input Voltage
1.8 ~32
V
VCC
VCC Supply Voltage
4.5 ~ 5.5
V
V
OUT
Converter Output Voltage
0.7 ~ 5.5
V
I
OUT
Converter Output Current
~ 25
A
T
A
Ambient Temperature
‐40 ~ 85
o
C
T
J
Junction Temperature
‐40 ~ 125
o
C
Note: Refer to the typical application circuit.
Thermal Characteristics 
Symbol
Parameter
Typical Value
Unit
θJA
Thermal Resistance‐Junction to Ambient   3mmx3mm TDFN‐10
55
°C/W
Note:
θJA is measured with the component mounted on a high effective the thermal conductivity test board in free air. The exposed pad of package is
soldered directly on the PCB.
High-Performance PWM Controller
HM1468



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com