Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM1497 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1497
Description  36V standoff, 2.5A Step-Down DCDC Converter with Quick Charge Protocol
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1497 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM1497 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1497 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1497 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1497 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1497 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1497 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1497 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
RLIM
Output Current Limit Setting. Connect a resistor from this pin to GND to set the output
current limit value.
5
D-
USB data line D- input
6
OUT
Output pin. Bypass with 22uFx2 ceramic capacitors to GND
7
VIN
Supply Voltage. Bypass with a 10μF ceramic capacitor to GND
8
SW
Inductor Connection. Connect an inductor between SW and the regulator output.
9
(Exposed Pad)
GND
Ground
TYPICAL CHARACTERISTICS
(Typical values are at TA = 25oC unless otherwise specified.)
0
1
2
3
4
5
6
7
0
0.5
1
1.5
2
2.5
3
3.5
Iout (A)
Vout Vs. Iout
Vin=5V
Vin=6V
Vin=10V
Vin=12V
Vin=24V
Vout=5V
20%
30%
40%
50%
60%
70%
80%
90%
100%
0.001
0.01
0.1
1
Iout (A)
Eff. Vs. Iout
Vin=5V
Vin=6V
Vin=10V
Vin=12V
Vin=24V
Vout=5V
0
2
4
6
8
10
12
0
0.5
1
1.5
2
2.5
3
3.5
Iout (A)
Vout Vs. Iout
Vin=9V
Vin=10V
Vin=12V
Vin=15V
Vin=24V
Vout=9V
20%
30%
40%
50%
60%
70%
80%
90%
100%
0.001
0.01
0.1
1
Iout (A)
Eff. Vs. Iout
Vin=9V
Vin=10V
Vin=12V
Vin=15V
Vin=24V
Vout=9V
HM1497



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com