Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25Q32C Datasheet(PDF) 63 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q32C
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q32C Datasheet(HTML) 63 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q32C Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q32C Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q32C Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q32C Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q32C Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q32C Datasheet HTML 64Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q32C Datasheet HTML 65Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q32C Datasheet HTML 66Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q32C Datasheet HTML 67Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 76 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q32C
63
9.1. Valid Part Numbers
Please contact GigaDevice regional sales for the latest product selection and available form factors.
Temperature Range I: Industrial (-40
℃ to +85℃)
Product Number
Density
Package Type
GD25Q32CTIG
32Mbit
SOP8 150mil
GD25Q32CSIG
32Mbit
SOP8 208mil
GD25Q32CVIG
32Mbit
VSOP8 208mil
GD25Q32CPIG
32Mbit
DIP8 300mil
GD25Q32CHIG
32Mbit
USON8 (3x3mm)
GD25Q32CNIG
32Mbit
USON8 (3x4mm)
GD25Q32CWIG
32Mbit
WSON8 (6x5mm)
GD25Q32CZIG
32Mbit
TFBGA-24ball (6x4 Ball Array)
GD25Q32CBIG
32Mbit
TFBGA-24ball (5x5 Ball Array)
Temperature Range J: Industrial (-40
℃ to +105℃)
Product Number
Density
Package Type
GD25Q32CTJG
32Mbit
SOP8 150mil
GD25Q32CSJG
32Mbit
SOP8 208mil
GD25Q32CVJG
32Mbit
VSOP8 208mil
GD25Q32CPJG
32Mbit
DIP8 300mil
GD25Q32CHJG
32Mbit
USON8 (3x3mm)
GD25Q32CNJG
32Mbit
USON8 (3x4mm)
GD25Q32CWJG
32Mbit
WSON8 (6x5mm)
GD25Q32CZJG
32Mbit
TFBGA-24ball (6x4 Ball Array)
GD25Q32CBJG
32Mbit
TFBGA-24ball (5x5 Ball Array)
Temperature Range E: Industrial (-40
℃ to +125℃)
Product Number
Density
Package Type
GD25Q32CTEG
32Mbit
SOP8 150mil
GD25Q32CSEG
32Mbit
SOP8 208mil
GD25Q32CVEG
32Mbit
VSOP8 208mil
GD25Q32CPEG
32Mbit
DIP8 300mil
GD25Q32CHEG
32Mbit
USON8 (3x3mm)
GD25Q32CNEG
32Mbit
USON8 (3x4mm)
GD25Q32CWEG
32Mbit
WSON8 (6x5mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com