Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25Q20CSIG Datasheet(PDF) 63 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q20CSIG
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q20CSIG Datasheet(HTML) 63 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q20CSIG Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q20CSIG Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q20CSIG Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q20CSIG Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q20CSIG Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q20CSIG Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q20CSIG Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q20CSIG Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q20CSIG Datasheet HTML 64Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 63 / 64 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q20C
63
11. REVISION HISTORY
Version No
Description
Page
Date
1.0
Initial Release
All
2016-9-28
1.1
Update ORDERING INFORMATION
Update Valid Part Numbers
Add Package TSSOP8 173mil
P47
P48
P54
2016-11-16
1.2
Update Package SOP8 150mil Dimensions
P49
2017-2-6
1.3
Modify SFDP
P40
2017-6-26
1.4
Modify Icc9 max value from 800uA to 1.2mA
Delete tRST_R and tRST_P
Add tRST, of which the max value is 30us
Modify the description of fR
Modify the note of the description of USON8 Packages
Add Packing Type: tube
P43
P45
P45
P44
P52, P53
P47
2017-10-20
1.5
Modify tVSL min value from 5ms to 1.8ms
Modify Icc9 typ. value from 0.4mA to 0.6mA
Add tRS, of which the min value is 100us
Update 7th code of Ordering Information
Update the description of all packages
P41
P43
P45
P47-48
P49-54
2018-4-16
1.6
Modify tBE1 max value from 0.3/0.7s to 0.8/1.2s (<50K/50-100K
cycling)
Modify tBE2 max value from 1s to 1.2/2.0s (<50K/50-100K cycling)
P45
P45
2018-5-16
1.7
Add 4BH command
Add DC/AC characteristics @-40℃~105℃
Add DC/AC characteristics @-40℃~125℃
Update Ordering Information
P14
P45/50
P46/52
P54
2018-8-9
1.8
Modify tSE max value from 150/300ms to 300ms@-40℃~85℃
Modify tBE1 max value from 0.8/1.2s to 1.2s@-40℃~85℃
Modify tBE2 max value from 1.2/2.0s to 2.0s@-40℃~85℃
Modify the description of USON8 3x2mm
Modify the description of USON8 3x4mm
P48
P48
P48
P61
P62
2018-12-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com