Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM1584 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1584
Description  HM1584 8-30V Input 3.1A Output Synchronous Buck Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1584 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM1584 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1584 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1584 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1584 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1584 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1584 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1584 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1584 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1584 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
8 电气特性
工作条件:
T=25℃,VIN=12V, R1=100k, R2=24.3k
符号
参数名称
条件
最小值
典型值
最大值
单位
VIN
工作电压范围
8
30
V
IQ
静态电流
VIN=8V, EN=10V
0.3
0.7
mA
ISHDN
关断电流
VIN=10V, EN=FB=0V
30
40
uA
VUVLO_H
开启电压
VIN 接 EN 接 FB
6.5
7.1
7.9
V
VUVLO_L
关闭电压
VIN 接 EN 接 FB
5.2
6
6.6
mV
VFB
电压基准
0.97
1
1.03
V
fOSC
振荡器频率
130
kHz
DC
最大占空比
100
%
Icc
最大恒定工作电流
3.1
A
RDSP(ON)
上管
PMOSFET 导通电阻
50
mΩ
RDSN(ON)
下管
NMOSFET 导通电阻
50
mΩ
TSD
过热关断温度
150
℃
ΔTSD
过热关断温度迟滞
30
℃
HM158



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com