Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM1586 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1586
Description  30V 3A Synchronous Step-Down Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1586 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM1586 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1586 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1586 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1586 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1586 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1586 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1586 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Functions Description
Internal Regulator
The
HM1586 is a current mode step down DC/DC converter that provides excellent transient response with no
extra external compensation components. This device contains an internal, low resistance, high voltage power
MOSFET, and operates at a high 600K operating frequency to ensure a compact, high efficiency design with
excellent AC and DC performance.
Error Amplifier
The error amplifier compares the FB pin voltage with the internal FB reference (VFB) and outputs a current
proportional to the difference between the two. This output current is then used to charge or discharge the internal
compensation network to form the COMP voltage, which is used to control the power MOSFET current. The
optimized internal compensation network minimizes the external component counts and simplifies the control
loop design.
Internal Soft-Start
The soft-start is implemented to prevent the converter output voltage from overshooting during startup. When the
chip starts, the internal circuitry generates a soft-start voltage (SS) ramping up from 0V to 0.923V. When it is
lower than the internal reference (REF), SS overrides REF so the error amplifier uses SS as the reference. When
SS is higher than REF, REF regains control. The SS time is internally fixed to 1.6ms.
Over Current Protection & Hiccup
has cycle-by-cycle over current limit when the inductor current peak value exceeds the set current limit threshold.
Meanwhile, output voltage starts to drop until FB is below the Under-Voltage (UV) threshold, typically 25%
below the reference. Once a UV is triggered, the Y3831 enters hiccup mode to periodically restart the part. This
protection mode is especially useful when the output is dead-short to ground. The average short circuit current is
greatly reduced to alleviate the thermal issue and to protect the regulator. The
HM1586 exits the hiccup mode once
the over current condition is removed.
Startup and Shutdown
If both VIN and EN are higher than their appropriate thresholds, the chip starts. The reference block starts first,
generating stable reference voltage and currents, and then the internal regulator is enabled. The regulator provides
stable supply for the remaining circuitries. Three events can shut down the chip: EN low, VIN low and thermal
shutdown. In the shutdown procedure, the signaling path is first blocked to avoid any fault triggering. The COMP
voltage and the internal supply rail are then pulled down. The floating driver is not subject to this shutdown
command.
Applications Information
Setting the Output Voltage
HM1586 require an input capacitor, an output capacitor and an inductor. These components are critical to the
performance of the device.
HM1586 are internally compensated and do not require external components to achieve



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com