Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25Q20CSFG Datasheet(PDF) 55 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q20CSFG
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q20CSFG Datasheet(HTML) 55 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q20CSFG Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q20CSFG Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q20CSFG Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q20CSFG Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q20CSFG Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q20CSFG Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q20CSFG Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q20CSFG Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q20CSFG Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 64 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q20C
55
9.1.
Valid Part Numbers
Please contact GigaDevice regional sales for the latest product selection and available form factors.
Temperature Range I: Industrial (-40
℃ to +85℃)
Product Number
Density
Package Type
GD25Q20CTIG
2Mbit
SOP8 150mil
GD25Q20CSIG
2Mbit
SOP8 208mil
GD25Q20COIG
2Mbit
TSSOP8 173mil
GD25Q20CPIG
2Mbit
DIP8 300mil
GD25Q20CEIG
2Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25Q20CNIG
2Mbit
USON8 (3x4mm)
Temperature Range J: Industrial (-40
℃ to +105℃)
Product Number
Density
Package Type
GD25Q20CTJG
2Mbit
SOP8 150mil
GD25Q20CSJG
2Mbit
SOP8 208mil
GD25Q20COJG
2Mbit
TSSOP8 173mil
GD25Q20CPJG
2Mbit
DIP8 300mil
GD25Q20CEJG
2Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25Q20CNJG
2Mbit
USON8 (3x4mm)
Temperature Range E: Industrial (-40
℃ to +125℃)
Product Number
Density
Package Type
GD25Q20CTEG
2Mbit
SOP8 150mil
GD25Q20CSEG
2Mbit
SOP8 208mil
GD25Q20COEG
2Mbit
TSSOP8 173mil
GD25Q20CPEG
2Mbit
DIP8 300mil
GD25Q20CEEG
2Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25Q20CNEG
2Mbit
USON8 (3x4mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com