Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM1650 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1650
Description  LED Drive Control/Keyboard Scan Specific Integrated Circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1650 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM1650 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1650 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1650 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1650 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1650 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1650 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1650 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4/7
Display data command in the table show
High 8-bit
Low 8-bit
Function
68
XX
LED 0 bit display, XX for 8-bit data, the highest bit of punctuation
6A
XX
LED 1 bit display, XX for 8-bit data, the highest bit of punctuation
6C
XX
LED 2 bit display, XX for 8-bit data, the highest bit of punctuation
6E
XX
LED 3 bit display, XX for 8-bit data, the highest bit of punctuation
Get keys code command in the table show
High 8-bit
Low 8-bit
Function
4F
—
Access keys, return key codes
Key code
GR1
GR2
GR3
GR4
SG1/KS1
44H
45H
46H
47H
SG2/KS2
4CH
4DH
4EH
4FH
SG3/KS3
54H
55H
56H
57H
SG4/KS4
5CH
5DH
5EH
5FH
SG5/KS5
64H
65H
66H
67H
SG6KS6
6CH
6DH
6EH
6FH
SG7/KS7
74H
75H
76H
77H
Absolute Maximum Ratings(Ta = 25℃)
Parameter
Symbol
Range
Unit
Power supply
VCC
-0.5 ~ +6.5
V
Input voltage
VI
-0.5 ~ VCC + 0.5
V
Operating temperature
Topt
-40 ~ +85
℃
Storage temperature
Tstg
-55 ~ +125
℃
Electrical Characteristics(test condition:Ta = 25℃,VCC =5V)
Parameter
Symbol
Mix
Typ
Max
Unit
Supply voltage
VCC
3
5
5.5
V
Power current
IC
-
80
150
mA
Quiescent current
(
CLK、DAT、KP is high)
ICs
0.3
0.6
mA
Sleep current
(
CLK、DAT、KP is high)
ICslp
0.05
0.1
mA
CLK and DAT pin low level input voltage
VIL
-0.5
0.8
V
CLK and DAT pin high level input
voltage
VIH
2.0
VCC+0.5
V
KS pin low level input voltage
VILki
-0.5
0.5
V
HM1650



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com