| Electronic Components Datasheet Search |
|
M95640-W Datasheet(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95640-W Datasheet(HTML) 18 Page - STMicroelectronics |
|
18 / 42 page ![]() M95640, M95320 18/42 Read from Memory Array (READ) As shown in Figure 12., to send this instruction to the device, Chip Select (S) is first driven Low. The bits of the instruction byte and address bytes are then shifted in, on Serial Data Input (D). The ad- dress is loaded into an internal address register, and the byte of data at that address is shifted out, on Serial Data Output (Q). If Chip Select (S) continues to be driven Low, the internal address register is automatically incre- mented, and the byte of data at the new address is shifted out. When the highest address is reached, the address counter rolls over to zero, allowing the Read cycle to be continued indefinitely. The whole memory can, therefore, be read with a single READ instruc- tion. The Read cycle is terminated by driving Chip Se- lect (S) High. The rising edge of the Chip Select (S) signal can occur at any time during the cycle. The first byte addressed can be any byte within any page. The instruction is not accepted, and is not execut- ed, if a Write cycle is currently in progress. Figure 12. Read from Memory Array (READ) Sequence Note: Depending on the memory size, as shown in Table 8., the most significant address bits are Don’t Care. C D AI01793D S Q 15 2 1 3456789 10 20 21 22 23 24 25 26 27 14 13 3210 28 29 30 76543 1 7 0 High Impedance Data Out 1 Instruction 16-Bit Address 0 MSB MSB 2 31 Data Out 2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |