Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4344 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS4344
Description  10-PIN, 24-BIT, 192KHz STEREO D/A CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4344 Datasheet(HTML) 5 Page - Cirrus Logic

  CS4344 Datasheet HTML 1Page - Cirrus Logic CS4344 Datasheet HTML 2Page - Cirrus Logic CS4344 Datasheet HTML 3Page - Cirrus Logic CS4344 Datasheet HTML 4Page - Cirrus Logic CS4344 Datasheet HTML 5Page - Cirrus Logic CS4344 Datasheet HTML 6Page - Cirrus Logic CS4344 Datasheet HTML 7Page - Cirrus Logic CS4344 Datasheet HTML 8Page - Cirrus Logic CS4344 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
CS4344/5/6/8
DS613PP2
5
2.CHARACTERISTICS AND SPECIFICATIONS
(All Min/Max characteristics and specifications are guaranteed over the Specified Operating Conditions. Typical
performance characteristics and specifications are derived from measurements taken at nominal supply voltage
and TA = 25°C.)
SPECIFIED OPERATING CONDITIONS (AGND = 0 V; all voltages with respect to ground.)
ABSOLUTE MAXIMUM RATINGS (AGND = 0 V; all voltages with respect to ground.)
WARNING: Operation at or beyond these limits may result in permanent damage to the device. Normal operation is
not guaranteed at these extremes.
Parameters
Symbol
Min
Nom
Max
Units
DC Power Supply
VA
4.75
3.00
5.0
3.3
5.25
3.47
V
V
Specified Temperature Range
-CZZ
-DZZ
TA
-10
-40
-
-
+70
+85
°C
°C
Parameters
Symbol
Min
Max
Units
DC Power Supply
VA
-0.3
6.0
V
Input Current, Any Pin Except Supplies
Iin
-±10
mA
Digital Input Voltage
VIND
-0.3
VA+0.4
V
Ambient Operating Temperature (power applied)
Top
-55
125
°C
Storage Temperature
Tstg
-65
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com