Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25Q40C Datasheet(PDF) 63 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q40C
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q40C Datasheet(HTML) 63 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q40C Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40C Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40C Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40C Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40C Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40C Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40C Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40C Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40C Datasheet HTML 64Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 63 / 64 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q40C
63
11. REVISION HISTORY
Version No
Description
Page
Date
1.0
Initial Release
All
2016-02-03
1.1
Modify Chip Erase Time tCE
P45
2016-03-07
1.2
Deleted DATA RETENTION AND ENDURANCE
Deleted Output Short Circuit Current
Modify Deep power down current
P41
P41
P43
2016-08-11
1.3
Modify VWI: Min. 2.1V Change to 1.5V
Delete Output Short Circuit Current:200mA
Modify VCC: -0.6 to VCC+0.4 V Change to -0.6 to 4.0V
Add Valid Part Numbers
Modify Package USON8 3*2mm
Modify Package USON8 3*4mm
Add Package TSSOP8 173mil
P41
P41
P41
P48
P52
P53
P54
2016-11-16
1.4
Modify VCC: -0.6 to VCC+0.4 V Change to -0.6 to 4.2V
Update Valid Part Numbers
Update Package SOP8 150mil Dimensions
P41
P48
P49
2017-2-6
1.5
Add Pin Description Note
Modify ORDERING INFORMATION
P5
P47
2017-2-23
1.6
Modify Write Status Register (WRSR) (01H) Description
P17
2017-3-24
1.7
Modify the 9th column in Table1.0
P9
2017-6-2
1.8
Modify SFDP
P40
2017-6-26
1.9
Modify Icc9 from 400-800uA to 0.6-1.2mA
Delete tRST_P and tRST_R
Add tRST, of which the max. value is 30us
Add J and E to 7th code of ordering information
Update the description of all packages
P43
P45
P45
P47
P49-54
2018-3-7
2.0
Add 4BH command
Modify tVSL min.value from 5ms to 1.8ms
Add tRS to the AC Characteristic, of which the min value is
100us
Add DC/AC characteristics @-40℃~105℃
Add DC/AC characteristics @-40℃~125℃
Modify Ordering Information
P14
P41
P47
P44/P48-49
P45/P50-51
P53
2018-8-16
2.1
Remove tSE,tBE1,tBE2 max. values for 50K cycling @-40℃
~85℃
Modify tCLQX min. value from 1.2ns to 0.7ns@-40℃~105℃
/125℃
P48
P49/51
2018-10-29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com