Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25Q40CSIG Datasheet(PDF) 15 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q40CSIG
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q40CSIG Datasheet(HTML) 15 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q40CSIG Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CSIG Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CSIG Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CSIG Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CSIG Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CSIG Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CSIG Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CSIG Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CSIG Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 64 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q40C
15
IO1 = (x,
x, D5, D1,…)
IO2 = (x,
x, D6, D2,…)
IO3 = (x,
x, D7, D3,…)
7. Fast Word Read Quad I/O Data: the lowest address bit must be 0.
8. Security Registers Address:
Security Register0: A23-A16=00H, A15-A8=00H, A7-A0= Byte Address;
Security Register1: A23-A16=00H, A15-A8=01H, A7-A0= Byte Address;
Security Register2: A23-A16=00H, A15-A8=02H, A7-A0= Byte Address;
Security Register3: A23-A16=00H, A15-A8=03H, A7-A0= Byte Address.
9. Dummy bits and Wrap Bits
IO0 = (x, x, x, x, x, x, W4, x)
IO1 = (x, x, x, x, x, x, W5, x)
IO2 = (x, x, x, x, x, x, W6, x)
IO3 = (x, x, x, x, x, x, x, x)
10. Address, Continuous Read Mode bits, Dummy bits, Manufacture ID and Device ID
IO0 = (A20, A16, A12, A8, A4, A0,
M4, M0,
x, x, x,
x, MID4, MID0, DID4, DID0, …)
IO1 = (A21, A17, A13, A9, A5, A1,
M5, M1,
x, x, x,
x, MID5, MID1, DID5, DID1, …)
IO2 = (A22, A18, A14, A10, A6, A2, M6, M2,
x, x, x,
x, MID6, MID2, DID6, DID2, …)
IO3 = (A23, A19, A15, A11, A7, A3, M7, M3,
x, x, x,
x, MID7, MID3, DID7, DID3, …)
Table of ID Definitions:
GD25Q40C
Operation Code
MID7-MID0
ID15-ID8
ID7-ID0
9FH
C8
40
13
90H
C8
12
ABH
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com