Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR730FZ1T7 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STR730FZ1T7
Description  ARM7TDMI 32-BIT MCU WITH FLASH, 3x CAN, 4 UARTs, 20 TIMERS, ADC, 12 COMM. INTERFACES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR730FZ1T7 Datasheet(HTML) 3 Page - STMicroelectronics

  STR730FZ1T7 Datasheet HTML 1Page - STMicroelectronics STR730FZ1T7 Datasheet HTML 2Page - STMicroelectronics STR730FZ1T7 Datasheet HTML 3Page - STMicroelectronics STR730FZ1T7 Datasheet HTML 4Page - STMicroelectronics STR730FZ1T7 Datasheet HTML 5Page - STMicroelectronics STR730FZ1T7 Datasheet HTML 6Page - STMicroelectronics STR730FZ1T7 Datasheet HTML 7Page - STMicroelectronics STR730FZ1T7 Datasheet HTML 8Page - STMicroelectronics STR730FZ1T7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
STR73xF Data Brief
3/22
High Speed Flash Memory
The Flash program memory is organized in 32-bit wide memory cells which can be used for
storing both code and data constants. It is accessed by CPU with zero wait states @ 36 MHz.
The STR7 embedded Flash memory can be programmed using In-Circuit Programming or
In-Application programming.
The Flash memory endurance is 10K write/erase cycles and the data retention is 20 years at
55°C.
IAP (In-Application Programming): The IAP is the ability to re-program the Flash memory of
a microcontroller while the user program is running.
ICP (In-Circuit Programming): The ICP is the ability to program the Flash memory of a mi-
crocontroller using JTAG protocol while the device is mounted on the user application board.
The Flash memory can be protected against different types of unwanted access (read/write/
erase). There are two types of protection:
•
Sector Write Protection
•
Flash Debug Protection (locks JTAG access)
Flexible Power Management
To minimize power consumption, you can program the STR73xF to switch to SLOW, WAIT
LPWAIT, STOP or HALT modes depending on the current system activity in the application.
Flexible Clock Control
Two clock sources are used to drive the microcontroller, a main clock driven by an external
crystal or ceramic resonator and an internal backup RC oscillator that operates at 2MHz or 32
kHz. The embedded PLL allows the internal system clock (up to 36 MHz) to be generated
from a main clock frequency of 10 MHz or less. The PLL output frequency can be
programmed using a wide selection of multipliers and dividers.
Voltage Regulators
The STR73xF requires an external 4.5 to 5.5V power supply. There are two internal Voltage
Regulators for generating the 1.8V power supply needed by the core and peripherals. The
main VR is switched off and the Low Power VR switched on when the application puts the
STR73xF in Low Power Wait (LPWAIT) mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com