Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25Q257D Datasheet(PDF) 16 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q257D
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q257D Datasheet(HTML) 16 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q257D Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257D Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257D Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257D Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257D Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257D Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257D Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257D Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q257D Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 99 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q257D
16
ADS bit
The Address Status (ADS) bit is a read only bit that indicates the current address mode the device is operating in. The
device is in 3-Byte address mode when ADS=0 (default), and in 4-Byte address mode when ADS=1.
ADP bit
The Address Power-up (ADP) bit is a non-volatile writable bit that determines the initial address mode when the device
is powered on or reset. This bit is only used during the power on or device reset initialization period. When ADP=0(factory
default), the device will power up into 3-Byte address mode, the Extended Address Register must be used to access memory
regions beyond 128Mb. When ADP=1, the device will power up into 4-Byte address mode directly.
Power Up
Device Initialization
& Status Register Refresh
(Non-Volatile Cells)
4-Byte Address
Standard SPI
Dual SPI
Quad SPI
3-Byte Address
Standard SPI
Dual SPI
Quad SPI
Enable 4-Byte (B7H)
Disable 4-Byte (E9H)
ADP bit value
ADP = 0
ADP = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com