Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25S512MDFIS Datasheet(PDF) 71 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25S512MDFIS
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25S512MDFIS Datasheet(HTML) 71 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25S512MDFIS Datasheet HTML 67Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFIS Datasheet HTML 68Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFIS Datasheet HTML 69Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFIS Datasheet HTML 70Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFIS Datasheet HTML 71Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFIS Datasheet HTML 72Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFIS Datasheet HTML 73Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFIS Datasheet HTML 74Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFIS Datasheet HTML 75Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 87 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25S512MD
71
8. ELECTRICAL CHARACTERISTICS
8.1. POWER-ON TIMING
Figure 70 Power-on Timing
Vcc(max)
Vcc(min)
VWI
tVSL
Chip Selection is not allowed
Device is fully
accessible
Time
Table 25 Power-Up Timing and Write Inhibit Threshold
Symbol
Parameter
Min
Max
Unit
tVSL
VCC (min) To CS# Low
2.5
ms
VWI
Write Inhibit Voltage
1.5
2.5
V
8.2. INITIAL DELIVERY STATE
The device is delivered with the memory array erased: all bits are set to 1 (each Byte contains FFH). The Status
Register bits are set to 0, except QE bit (S9) and DRV0 bit (S21) are set to 1.
8.3. ABSOLUTE MAXIMUM RATINGS
Table 26 Absolute Maximum Ratings
Parameter
Value
Unit
Ambient Operating Temperature
-40 to 85
-40 to 105
-40 to 125
℃
Storage Temperature
-65 to 150
℃
Applied Input/Output Voltage
-0.6 to VCC+0.4
V
Transient Input/Output Voltage (note: overshoot)
-2.0 to VCC+2.0
V
VCC
-0.6 to 4.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com