Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25S512MDFIR Datasheet(PDF) 59 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25S512MDFIR
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25S512MDFIR Datasheet(HTML) 59 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25S512MDFIR Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFIR Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFIR Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFIR Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFIR Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFIR Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFIR Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFIR Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD25S512MDFIR Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 87 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25S512MD
59
Figure 65 Program Security Registers command Sequence Diagram (ADS=1)
7.37.
Read Security Registers (48H)
The Read Security Registers command is similar to Fast Read command. The command I is followed by a 3-Byte
address (A23-A0) or 4-Byte address (A31-A0) and a dummy Byte, and each bit being latched-in on the rising edge of SCLK.
Then the memory content, at that address, is shifted out on SO, and each bit being shifted out, at a Max frequency fC, on
the falling edge of SCLK. The first Byte addressed can be at any location. The address is automatically incremented to the
next higher address after each Byte of data is shifted out. Once the A10-A0 address reaches the last Byte of the register
(Byte 7FFH), it will reset to 000H, the command is completed by driving CS# high.
Table 20 Security Registers
Address
A23-16
A15-12
A11
A10-0
Security Register #1
00H
0 0 0 1
0
Byte Address
Security Register #2
00H
0 0 1 0
0
Byte Address
Security Register #3
00H
0 0 1 1
0
Byte Address
Figure 66 Read Security Registers command Sequence Diagram (ADS=0)
Command
0
1
2
3
4
5
6
7
48H
CS#
SCLK
SI
SO
High-Z
8
9 10
28 29 30 31
3
2
1
0
23 22 21
24-bit address
MSB
34 35 36 37
33
6
5
4
3
2
1
0
38 39
Data Out1
32
42 43 44 45
41
46 47
40
7
6
5
4
3
2
1
0
7
6
5
7
Data Out2
CS#
SCLK
SI
SO
MSB
Dummy Byte
Command
0
1
2
3
4
5
6
7
42H
CS#
SCLK
SI
8
9 10
36 37 38 39
3
2
1
0
31 30 29
32-bit address
58 59 60 61
57
62 63
56
6
5
4
3
2
1
0
7
CS#
SCLK
SI
MSB
Data Byte 2
7
6
5
4
3
2
1
0
MSB
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
Data Byte 1
Data Byte 3
Data Byte 256
MSB
MSB
MSB
42 43 44 45
41
46 47
40
50 51 52 53
49
54 55
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com