Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25Q40CNJG Datasheet(PDF) 12 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q40CNJG
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q40CNJG Datasheet(HTML) 12 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q40CNJG Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CNJG Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CNJG Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CNJG Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CNJG Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CNJG Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CNJG Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CNJG Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CNJG Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 64 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q40C
12
pins are enabled. (It is best to set the QE bit to 0 to avoid short issues if the WP# or HOLD# pin is tied directly to the power
supply or ground.)
LB bit.
The LB bit is a non-volatile One Time Program (OTP) bit in Status Register (S10) that provide the write protect control
and status to the Security Registers. The default state of LB is 0, the security registers are unlocked. LB can be set to 1
individually using the Write Register instruction. LB is One Time Programmable, once it’s set to 1, the Security Registers
will become read-only permanently.
CMP bit
The CMP bit is a non-volatile Read/Write bit in the Status Register (S14). It is used in conjunction the BP4-BP0 bits
to provide more flexibility for the array protection. Please see the Status registers Memory Protection table for details. The
default setting is CMP=0.
HPF bit
The High Performance Flag (HPF) bit indicates the status of High Performance Mode (HPM). When HPF bit sets to 1,
it means the device is in High Performance Mode, when HPF bit sets 0 (default), it means the device is not in High
Performance Mode.
SUS bit
The SUS bit is a read only bit in the status register (S15) that is set to 1 after executing an Erase/Program Suspend
(75H) command. The SUS bit is cleared to 0 by Erase/Program Resume (7AH) command as well as a power-down, power-
up cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com