Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25Q127CVJS Datasheet(PDF) 11 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q127CVJS
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q127CVJS Datasheet(HTML) 11 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q127CVJS Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CVJS Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CVJS Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CVJS Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CVJS Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CVJS Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CVJS Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CVJS Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q127CVJS Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 79 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q127C
11
5. DATA PROTECTION
The GD25Q127Cprovide the following data protection methods:
◆
Write Enable (WREN) command: The WREN command is set the Write Enable Latch bit (WEL). The WEL bit will
return to reset by the following situation:
-Power-Up
-Write Disable (WRDI)
-Write Status Register (WRSR)
-Page Program (PP)
-Sector Erase (SE) / Block Erase (BE) / Chip Erase (CE)
◆
Software Protection Mode:
-The Block Protect (BP4, BP3, BP2, BP1, and BP0) bits define the section of the memory array that can be read
but not change.
◆
Hardware Protection Mode: WP# goes low to protect the writable bit of Status Register.
◆
Deep Power-Down Mode: In Deep Power-Down Mode, all commands are ignored except the Release from Deep
Power-Down Mode command and reset command (66H+99H).
Table 5.1. GD25Q127C Protected area size (CMP=0)
Status Register Content
Memory Content
BP4
BP3
BP2
BP1
BP0
Blocks
Addresses
Density
Portion
X
X
0
0
0
NONE
NONE
NONE
NONE
0
0
0
0
1
252 to 255
FC0000H-FFFFFFH
256KB
Upper 1/64
0
0
0
1
0
248 to 255
F80000H-FFFFFFH
512KB
Upper 1/32
0
0
0
1
1
240 to 255
F00000H-FFFFFFH
1MB
Upper 1/16
0
0
1
0
0
224 to 255
E00000H-FFFFFFH
2MB
Upper 1/8
0
0
1
0
1
192 to 255
C00000H-FFFFFFH
4MB
Upper 1/4
0
0
1
1
0
128 to 255
800000H-FFFFFFH
8MB
Upper 1/2
0
1
0
0
1
0 to 3
000000H-03FFFFH
256KB
Lower 1/64
0
1
0
1
0
0 to 7
000000H-07FFFFH
512KB
Lower 1/32
0
1
0
1
1
0 to 15
000000H-0FFFFFH
1MB
Lower 1/16
0
1
1
0
0
0 to 31
000000H-1FFFFFH
2MB
Lower 1/8
0
1
1
0
1
0 to 63
000000H-3FFFFFH
4MB
Lower 1/4
0
1
1
1
0
0 to 127
000000H-7FFFFFH
8MB
Lower 1/2
X
X
1
1
1
0 to 255
000000H-FFFFFFH
16MB
ALL
1
0
0
0
1
255
FFF000H-FFFFFFH
4KB
Top Block
1
0
0
1
0
255
FFE000H-FFFFFFH
8KB
Top Block
1
0
0
1
1
255
FFC000H-FFFFFFH
16KB
Top Block
1
0
1
0
X
255
FF8000H-FFFFFFH
32KB
Top Block
1
0
1
1
0
255
FF8000H-FFFFFFH
32KB
Top Block
1
1
0
0
1
0
000000H-000FFFH
4KB
Bottom Block
1
1
0
1
0
0
000000H-001FFFH
8KB
Bottom Block
1
1
0
1
1
0
000000H-003FFFH
16KB
Bottom Block
1
1
1
0
X
0
000000H-007FFFH
32KB
Bottom Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com