Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25Q40CSFG Datasheet(PDF) 36 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q40CSFG
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q40CSFG Datasheet(HTML) 36 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q40CSFG Datasheet HTML 32Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CSFG Datasheet HTML 33Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CSFG Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CSFG Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CSFG Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CSFG Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CSFG Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CSFG Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CSFG Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 64 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q40C
36
7.31.
Read Security Registers (48H)
The Read Security Registers command is similar to Fast Read command. The command is followed by a 3-byte address
(A23-A0) and a dummy byte, each bit being latched-in during the rising edge of SCLK. Then the memory content, at that
address, is shifted out on SO, each bit being shifted out, at a Max frequency fC, during the falling edge of SCLK. The first
byte addressed can be at any location. The address is automatically incremented to the next higher address after each byte
of data is shifted out. Once the A7-A0 address reaches the last byte of the register (Byte FFH), it will reset to 00H, the
command is completed by driving CS# high.
Address
A23-A16
A15-A8
A7-A0
Security Registers 0
00H
00H
Byte Address
Security Registers 1
00H
01H
Byte Address
Security Registers 2
00H
02H
Byte Address
Security Registers 3
00H
03H
Byte Address
Figure 36. Read Security Registers command Sequence Diagram
7.32.
Enable Reset (66H) and Reset (99H)
If the Reset command is accepted, any on-going internal operation will be terminated and the device will return to its
default power-on state and lose all the current volatile settings, such as Volatile Status Register bits, Write Enable Latch
status (WEL), Program/Erase Suspend status, Read Parameter setting (P7-P0), Continuous Read Mode bit setting (M7-
M0) and Wrap Bit Setting (W6-W4).
The “Reset (99H)” command sequence as follow: CS# goes low  Sending Enable Reset command  CS# goes
high  CS# goes low  Sending Reset command  CS# goes high. Once the Reset command is accepted by the device,
the device will take approximately tRST/ tRST_E to reset. During this period, no command will be accepted. Data corruption
may happen if there is an on-going or suspended internal Erase or Program operation when Reset command sequence is
accepted by the device. It is recommended to check the BUSY bit and the SUS bit in Status Register before issuing the
Reset command sequence.
Command
0
1
2
3
4
5
6
7
48H
CS#
SCLK
SI
SO
High-Z
8
9 10
28 29 30 31
3
2
1
0
23 22 21
24-bit address
MSB
34 35 36 37
33
6
5
4
3
2
1
0
38 39
Data Out1
32
42 43 44 45
41
46 47
40
7
6
5
4
3
2
1
0
7
6
5
7
Data Out2
CS#
SCLK
SI
SO
MSB
Dummy Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com