Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM2530 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2530
Description  Two-channel motor driver chip with adjustable drive current and constant current function
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2530 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2530 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2530 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2530 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2530 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2530 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2530 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2530 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2530 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2530 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
8. 电气参数
(VIN = 12V, ISET端接 90K电阻,TA = 25℃ unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
输入电压范围
VIN
4.2
16
V
睡眠电流
IN1、IN2 悬空,并进
入睡眠
4.6
9.2
16
μA
静态电流
ICC
IN1、IN2 悬空,上电
8S 内
380
uA
ISET 电压
VISET
0.60
V
进入睡眠需要时间
Td
9
S
逻辑高
VIH
1.9
V
IN1/IN2
逻辑低
VIL
0.8
欠压保护阈值
UVLO
3.91
V
上电复位阈值
RSTB
3.44
V
上下功率管
导通电阻之和
Rdson
IOUT=2A
Temp=150℃
250
mΩ
功率管限流值
ILIM
RISET=90KΩ
Temp<125℃
3
A
固定关断时间
TOFF
OTSET 端悬空
25
uS
最小导通时间
TBLANK
3
us
过热保护
TOTP
150
℃
过热迟滞
30
℃
预过热保护
TOTP1
125
℃
预过热迟滞
15
℃
HM2530
驱动电流可调和带恒流功能的两通道马达驱动芯片



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com