Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC-88-C/883 Datasheet(PDF) 3 Page - DATEL, Inc.

Part # DAC-88-C/883
Description  High-Performance, 12-Bit DACs with Input Registers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.

DAC-88-C/883 Datasheet(HTML) 3 Page - DATEL, Inc.

  DAC-88-C/883 Datasheet HTML 1Page - DATEL, Inc. DAC-88-C/883 Datasheet HTML 2Page - DATEL, Inc. DAC-88-C/883 Datasheet HTML 3Page - DATEL, Inc. DAC-88-C/883 Datasheet HTML 4Page - DATEL, Inc. DAC-88-C/883 Datasheet HTML 5Page - DATEL, Inc. DAC-88-C/883 Datasheet HTML 6Page - DATEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DATEL, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151 USA • Tel: (508) 339-3000 • www.datel.com • e-mail: help@datel.com
DAC-88 Series
High-Performance, 12-Bit DACs with Input Registers
MDA_DAC-88.A01 Page 3 of 6
Figure 2. DAC-88 Timing
Figure 4. Unipolar Operation (0 to +10V)
Figure 6. Interfacing to ≥12-Bit Data Bus
Figure 3. Output Circuit
Figure 5. Bipolar Operation (±5V)
Figure 7. Interfacing to 8-Bit Data Bus
DATA IN
LOAD
REGISTER
OUTPUT TO
DAC
40nsec min.
Hold
Transfer
1
0
t
SETUP
50nsec min.
t
SETUP
60nsec
t
PLH
60nsec
t
PHL
ALL RISE AND FALL TIMES
≤ 10nsec
CONNECTION DIAGRAMS
APPLICATIONS
6.3
REFERENCE OUT
REFERENCE IN
24
BIPOLAR OFFSET
17
6.3V
REF.
21
15
16
20 SUMMING JUNCTION
GROUND
VOLTAGE OUTPUT
IOUT
FULL SCALE
IOUT = 2mA
18 10V RANGE
2.2
13
14
15
16
17
18
19
20
21
22
23
24
+15V
100k
OFFSET
ADJUST
12
11
10
9
8
7
6
5
4
3
2
1
1μF
1μF
OUT
(O TO +10V)
+5V
–15V
100k
GAIN
ADJUST
1μF
0.01μF
2.8
LOAD
BIT
12
11
10
9
8
7
6
5
4
3
2
1
LSB
MSB
DATA
IN
2.2
13
14
15
17
18
20
21
22
23
24
+15V
100k
OFFSET
ADJUST
12
11
10
9
8
7
6
5
4
3
2
1
1μF
1μF
OUT
(–5 TO +5V)
+5V
–15V
100k
GAIN
ADJUST
1μF
0.01μF
2.8
BIT
12
11
10
9
8
7
6
5
4
3
2
1
LSB
MSB
DATA
IN
16
19
LOAD
DAC-HK12B
0
LOAD 0
DAC-HK12B
1
LOAD 1
01
STROBE
ADDRESS
DAC-HK12B
N
LOAD N
N
ADDRESS DECODER
LOAD
HI BYTE
LOAD
LO BYTE
A0
WRITE
STROBE
8 BIT DATA BUS
ADDRESS
AN
A1
ADDRESS DECODER
01
N
DAC-HK12B
0
LSB's MSB's
LOAD 0
DAC-HK12B
1
LSB's MSB's
LOAD 1
DAC-HK12B
N
LSB's MSB's
LOAD N
TEMPORARY
STORAGE REGISTER



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com