Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

75NF75 Datasheet(PDF) 2 Page - KIA Semiconductor Technology

Part # 75NF75
Description  80A竊?0V N-CHANNEL MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology

75NF75 Datasheet(HTML) 2 Page - KIA Semiconductor Technology

  75NF75 Datasheet HTML 1Page - KIA Semiconductor Technology 75NF75 Datasheet HTML 2Page - KIA Semiconductor Technology 75NF75 Datasheet HTML 3Page - KIA Semiconductor Technology 75NF75 Datasheet HTML 4Page - KIA Semiconductor Technology 75NF75 Datasheet HTML 5Page - KIA Semiconductor Technology 75NF75 Datasheet HTML 6Page - KIA Semiconductor Technology 75NF75 Datasheet HTML 7Page - KIA Semiconductor Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
80A,80V
N-CHANNEL MOSFET
KIA
SEMICONDUCTORS
75NF75
KIA
SEMICONDUCTORS
KIA
SEMICONDUCTORS
4. Absolute maximum ratings
5. Thermal characteristics
2 of7
Rev 1.1 JAN 2014
Parameter
Symbol
Maximum
Units
Drain-source voltage
VDSS
80
V
Gate-source voltage
VGSS
+25
V
Continuous drain current
TC=25
ºC
ID3
80
A
TC=100
ºC
70
A
Pulse drain current
TC=25
ºC
IDP4
340
A
Avalanche current
IAS5
20
A
Avalanche energy
EAS5
410
mJ
Maximum power dissipation
TC=25 ºC
PD
240
W
TC=100 ºC
100
W
Junction & storage temperature range
TJ,TSTG
-55~175
ºC
Parameter
Symbol
Typical
Units
Thermal resistance-junction to case
Rθjc
0.52
ºC/W
Thermal resistance-junction to ambient
Rθja
55



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com