Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP358DRE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP358DRE4
Description  ULTRA-LOW-POWER DUAL OPERATIONAL AMPLIFIERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP358DRE4 Datasheet(HTML) 1 Page - Texas Instruments

  LP358DRE4 Datasheet HTML 1Page - Texas Instruments LP358DRE4 Datasheet HTML 2Page - Texas Instruments LP358DRE4 Datasheet HTML 3Page - Texas Instruments LP358DRE4 Datasheet HTML 4Page - Texas Instruments LP358DRE4 Datasheet HTML 5Page - Texas Instruments LP358DRE4 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.ti.com
FEATURES
D OR DGK PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1OUT
1IN−
1IN+
GND
VCC
2OUT
2IN−
2IN+
APPLICATIONS
DESCRIPTION/ORDERING INFORMATION
IN−
IN+
OUT
LP358, LP2904
ULTRA-LOW-POWER DUAL OPERATIONAL AMPLIFIERS
SLOS475 – AUGUST 2005
•
Low Supply Current . . . 85
µA Typ
•
Low Offset Voltage . . . 2 mV Typ
•
Low Input Bias Current . . . 2 nA Typ
•
Input Common Mode to GND
•
Wide Supply Voltage . . . 3 V < VCC < 32 V
•
Pin Compatible With LM358
•
LCD Displays
•
Portable Instrumentation
•
Sensor/Metering Equipment
•
Consumer Electronics (MP3 Players, Toys)
•
Power Supplies
The LP358 and LP2904 are dual low-power operational amplifiers especially suited for battery-operated
applications. Good input specifications and wide supply-voltage range still are achieved, despite the ultra-low
supply current. Single-supply operation is achieved with an input common-mode range that includes GND.
The LP358 and LP2904 are ideal in applications where wide supply voltage and low power are more important
than speed and bandwidth. These applications include portable instrumentation, LCD displays, consumer
electronics (MP3 players, toys, etc.), and power supplies.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube of 75
LP358D
SOIC – D
LP358
Reel of 2500
LP358DR
0
°C to 70°C
Tube of 100
LP358DGK
VSSOP – DGK
Reel of 250
LP358DGKT
PREVIEW
Reel of 2500
LP358DGKR
Tube of 75
LP2904D
SOIC – D
PREVIEW
Reel of 2500
LP2904DR
–40
°C to 85°C
Tube of 100
LP2904DGK
VSSOP – DGK
Reel of 250
LP2904DGKT
PREVIEW
Reel of 2500
LP2904DGKR
SYMBOL (EACH AMPLIFIER)
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP358DRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP358DRE4 TI-LP358DRE4 Datasheet
287Kb / 9P
ULTRA-LOW-POWER DUAL OPERATIONAL AMPLIFIERS
More results

Similar Description - LP358DRE4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
Low Power Dual Operational Amplifiers
logo
Hi-Sincerity Mocroelect...
HLM358 HSMC-HLM358 Datasheet
108Kb / 7P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
Low power dual operational amplifiers
25-Apr-2007
logo
Texas Instruments
LP358 TI-LP358_07 Datasheet
287Kb / 9P
ULTRA-LOW-POWER DUAL OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
Low power dual operational amplifiers
11-Feb-2008
logo
Global Mixed-mode Techn...
G1520 GMT-G1520 Datasheet
797Kb / 1P
Low Power Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com