Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78L05FS Datasheet(PDF) 1 Page - KIA Semiconductor Technology

Part # 78L05FS
Description  THREE TERMINAL POSITIVE VOLTAGE REGULATORS 5V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology

78L05FS Datasheet(HTML) 1 Page - KIA Semiconductor Technology

  78L05FS Datasheet HTML 1Page - KIA Semiconductor Technology 78L05FS Datasheet HTML 2Page - KIA Semiconductor Technology 78L05FS Datasheet HTML 3Page - KIA Semiconductor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
THREE TERMINAL POSITIVE
VOLTAGE REGULATORS 5V
KIA
SEMICONDUCTORS
78L05FS
1.Features
n
Maximum output current:0.2A
n
Output voltage:5V
n
Internal thermal overload protection
n
Internal short circuit current limiting
2. Pin information
SOT89 Front View
3.Maximum ratings
Characteristic
Symbol
Rating
Units
Input voltage
VIN
35
V
Power dissipation
PD
1
W
Junction temperature
TJ
-20~+125
°C
Operating temperature
TOPR
-30~+85
°C
Storage temperature
TSTG
-55~+150
°C
1 of3
Rev 1.1 JAN 2014
Pin
Description
1
VOUT
2
GND
3
VIN


Similar Part No. - 78L05FS

ManufacturerPart #DatasheetDescription
logo
NEC
78L05 NEC-78L05 Datasheet
387Kb / 12P
THREE TERMINAL POSITIVE VOLTAGE REGULATORS?
logo
National Semiconductor ...
78L05 NSC-78L05 Datasheet
211Kb / 12P
3-Terminal Positive Regulators
logo
STMicroelectronics
78L05 STMICROELECTRONICS-78L05 Datasheet
145Kb / 19P
POSITIVE VOLTAGE REGULATORS
Jul-2003
logo
List of Unclassifed Man...
78L05 ETC1-78L05 Datasheet
253Kb / 2P
LINEAR INTEGRATED CIRCUITS 3-TERMINAL VOLATGE REGULATORS
logo
Estek Electronics Co. L...
78L05 ESTEK-78L05 Datasheet
122Kb / 3P
3-Terminal Regulators
More results

Similar Description - 78L05FS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM123 STMICROELECTRONICS-LM123 Datasheet
170Kb / 9P
THREE-TERMINAL 3A-5V POSITIVE VOLTAGE REGULATORS
Mar-1993
logo
KEC(Korea Electronics)
KIA7805AP KEC-KIA7805AP Datasheet
382Kb / 20P
THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Micro Commercial Compon...
MC7809CT MCC-MC7809CT Datasheet
490Kb / 3P
Three-Terminal Positive Voltage Regulators
logo
Cystech Electonics Corp...
LM7806J3 CYSTEKEC-LM7806J3 Datasheet
503Kb / 12P
Three Terminal Positive Voltage Regulators
LM7810J3 CYSTEKEC-LM7810J3 Datasheet
503Kb / 12P
Three Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05CT MCC-MC78M05CT Datasheet
583Kb / 4P
Three-Terminal Positive Voltage Regulators
MC78M15CDT MCC-MC78M15CDT Datasheet
612Kb / 3P
Three-Terminal Positive Voltage Regulators
logo
New Jersey Semi-Conduct...
MC7800 NJSEMI-MC7800 Datasheet
427Kb / 6P
THREE-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
KIA Semiconductor Techn...
78L05 KIA-78L05 Datasheet
51Kb / 3P
THREE TERMINAL POSITIVE VOLTAGE REGULATORS 5V
78L05T KIA-78L05T Datasheet
51Kb / 3P
THREE TERMINAL POSITIVE VOLTAGE REGULATORS 5V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com