Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEWAN1007 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PEWAN1007
Description  Waveguide Standard Gain Horn Antenna
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWAN1007 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PEWAN1007 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWAN1007 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWAN1007 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWAN1007 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
-
Pasternack does not make
any representation or warranty regarding the suitability of the part described herein for any particular purpose, and Pasternack does not assume any liability arising out of the use of any part or documentation.
2
Flange Designation
UG-383/U-Mod
Body Material and Plating
Brass, Gold
.
Compliance Certifications (see product page for current document)
Plotted and Other Data
Typical Performance Data
-60
-54
-48
-42
-36
-30
-24
-18
-12
-6
0
-90
-72
-54
-36
-18
0
18
36
54
72
90
dBi
-90 Degrees
Antenna Pattern
E-Plane
H-Plane
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-19 Waveguide Standard Gain Horn Antenna Operating from 40 GHz to 60 GHz with a
Nominal 20 dBi Gain with UG-383/U-Mod Round Cover Flange PEWAN1007
PEWAN1007 REV 1.0
Gain Horns Technical Data Sheet
PEWAN1007
WR-19 Waveguide Standard Gain Horn Antenna
Operating from 40 GHz to 60 GHz with a Nominal 20 dBi
Gain with UG-383/U-Mod Round Cover Flange



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com