Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LGU-30C Datasheet(PDF) 5 Page - PAIRUI GROUP INC.

Part # LGU-30C
Description  LED Power Supplies
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

LGU-30C Datasheet(HTML) 5 Page - PAIRUI GROUP INC.

  LGU-30C Datasheet HTML 1Page - PAIRUI GROUP INC. LGU-30C Datasheet HTML 2Page - PAIRUI GROUP INC. LGU-30C Datasheet HTML 3Page - PAIRUI GROUP INC. LGU-30C Datasheet HTML 4Page - PAIRUI GROUP INC. LGU-30C Datasheet HTML 5Page - PAIRUI GROUP INC. LGU-30C Datasheet HTML 6Page - PAIRUI GROUP INC. LGU-30C Datasheet HTML 7Page - PAIRUI GROUP INC. LGU-30C Datasheet HTML 8Page - PAIRUI GROUP INC. LGU-30C Datasheet HTML 9Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
OUTPUT
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output current accuracy
±5
%
Line regulation
Vin from 100Vac to 277Vac
1
%
Load regulation
Vout from min. to max.
3
%
Output current overshoot
Turning on
10
%
Turn-on delay time
Cold start, power on
2
S
Ripple
Refer to below note
See page 2
mAp-p
THD
Output load
≥80%
20
%
Protection
Short circuit
In hiccup mode, it will recover automatically after fault condition is removed
Over voltage
110-150% Vout
In hiccup mode, it will recover automatically after fault condition is removed
Over current
In hiccup mode, it will recover automatically after fault condition is removed
Over
temperature
In hiccup mode, it will recover automatically after fault condition is removed
PRODUCT SPECIFICATION
led power supplies
NOTE: The
values are measured at 20MHz of bandwidth by using a 12
'' twisted pair-wire terminated with
0.1uF & 47uF parallel capacitor under ambient temperature 25
℃ at rated input voltage
and rated load.
www.pairuigroup.com
Page:4/7
PAIRUI ELECTRONICS
Updated 2019-V1.1-0311



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com