Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LVEB Datasheet(PDF) 2 Page - PAIRUI GROUP INC.

Part # LVEB
Description  Constant Current LED Power Supplies
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

LVEB Datasheet(HTML) 2 Page - PAIRUI GROUP INC.

  LVEB Datasheet HTML 1Page - PAIRUI GROUP INC. LVEB Datasheet HTML 2Page - PAIRUI GROUP INC. LVEB Datasheet HTML 3Page - PAIRUI GROUP INC. LVEB Datasheet HTML 4Page - PAIRUI GROUP INC. LVEB Datasheet HTML 5Page - PAIRUI GROUP INC. LVEB Datasheet HTML 6Page - PAIRUI GROUP INC. LVEB Datasheet HTML 7Page - PAIRUI GROUP INC. LVEB Datasheet HTML 8Page - PAIRUI GROUP INC. LVEB Datasheet HTML 9Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PRODUCT SPECIFICATION
led power supplies
LED Power Supplies for Indoor Use
LVEB SERIES, 20~45WATT, IP20 RATING
Features
3 Year Warranty
High Input Voltage Range: 220~240Vac
Waterproof Rating IP20
Class II Power, no FG
Applications
Electrical
www.pairuigroup.com
Page:1/7
Constant Current Output Mode
PAIRUI ELECTRONICS
Series Name
Built-in Active Power Factor Correction
√
Panel Light
Down Light
Recessed Light
√
√
Cabinet Light
√
Other Indoor used Lights
√
LVE B
40
Input Voltage Range
B = 220-240Vac
Nominal Output Power(W)
- C 950
C = Constant Current Mode
Output Mode
Output Current(mA)
Short Circuit, Over Voltage, and Over Current Protections
R
Updated 2019-V1.1-0315
Blank = High Ripple
R = Low Ripple
- A2
Ripple
Size Code



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com