Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM3514 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM3514
Description  Car charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM3514 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM3514 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3514 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3514 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3514 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3514 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3514 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3514 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
电性参数(Vin=12V, Ta=25℃, Io=2.0A)
参数
符号
测试条件
最小值
典型值
最大值
单位
输入部分
输入电压
VIN
/
8
/
36
V
待机电流
INO_LOAD
IOUT=0A
/
/
10
mA
频率振荡部分
工作频率
FOSC1
VIN=12V,VOUT=5V,
IOUT=3A,TA=25℃
135
150
165
KHz
FOSC2
VIN=12V,VOUT=5V,
IOUT=3A,TA=85℃
125
150
175
输出部分
输出电压
VOUT
VIN =12V
4.85
5.0
5.15
V
过压保护基准电
压
VOUT_OVP
5.5
5.6
5.7
V
短路保护基准电
压
VOUT_OSP
1.44
1.5
1.56
V
误差放大部分
电流检测基准电
压
VCS1
VIN =12V,
VOUT=4.75V 工作在恒
流模式
95
110
125
mV
过温保护部分
过温保护
TOTP_R
温度上升
125
150
175
℃
TOTP_F
温度下降
110
℃
过温保护迟滞
TOTP_HYS
30
40
50
℃
MOS 部分
漏
-源端击穿电压
BVDSS
VGS =0V, ID =250uA
-36
V
漏
-源端导通阻抗
RDS(ON)
VIN =24V,VGS
=10V
,ID=1.0A
80
m
Ω



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com