Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25VE40CTIG Datasheet(PDF) 49 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25VE40CTIG
Description  Uniform Sector Dual and Quad Serial Flash
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25VE40CTIG Datasheet(HTML) 49 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25VE40CTIG Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE40CTIG Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE40CTIG Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE40CTIG Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE40CTIG Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE40CTIG Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE40CTIG Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE40CTIG Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE40CTIG Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 55 page
background image
Uniform Sector
Dual and Quad Serial Flash
GD25VE40C
49
9.1. Valid Part Numbers
Please contact GigaDevice regional sales for the latest product selection and available form factors.
Product Number
Density
Package Type
Temperature
GD25VE40CPIG
4Mbit
DIP8 300mil
-40
℃ to +85℃
GD25VE40CTIG
4Mbit
SOP8 150mil
-40
℃ to +85℃
GD25VE40CSIG
4Mbit
SOP8 208mil
-40
℃ to +85℃
GD25VE40CEIG
4Mbit
USON8
(3*2mm, 0.45 thickness)
-40
℃ to +85℃
GD25VE40CNIG
4Mbit
USON8 (3*4mm)
-40
℃ to +85℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com