| Electronic Components Datasheet Search |
|
GD25VE32CSIG Datasheet(PDF) 39 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD25VE32CSIG Datasheet(HTML) 39 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
39 / 63 page ![]() Uniform Sector Dual and Quad Serial Flash GD25VE32C 39 Address A23-16 A15-12 A11-10 A9-0 Security Register #1 00H 0 0 0 1 0 0 Byte Address Security Register #2 00H 0 0 1 0 0 0 Byte Address Security Register #3 00H 0 0 1 1 0 0 Byte Address Figure 35. Erase Security Registers command Sequence Diagram 7.31. Program Security Registers (42H) The Program Security Registers command is similar to the Page Program command. Each security register contains four pages content. A Write Enable (WREN) command must previously have been executed to set the Write Enable Latch (WEL) bit before sending the Program Security Registers command. The Program Security Registers command is entered by driving CS# Low, followed by the command code (42H), three address bytes and at least one data byte on SI. As soon as CS# is driven high, the self-timed Program Security Registers cycle (whose duration is tPP) is initiated. While the Program Security Registers cycle is in progress, the Status Register may be read to check the value of the Write in Progress (WIP) bit. The Write in Progress (WIP) bit is 1 during the self-timed Program Security Registers cycle, and is 0 when it is completed. At some unspecified time before the cycle is completed, the Write Enable Latch (WEL) bit is reset. If the Security Registers Lock Bit (LB3-1) is set to 1, the Security Register will be permanently locked. Program Security Registers command will be ignored. Address A23-16 A15-12 A11-10 A9-0 Security Register #1 00H 0 0 0 1 0 0 Byte Address Security Register #2 00H 0 0 1 0 0 0 Byte Address Security Register #3 00H 0 0 1 1 0 0 Byte Address Figure 36. Program Security Registers command Sequence Diagram Command 0 1 2 3 4 5 6 7 44H CS# SCLK SI 8 9 29 30 31 MSB 2 1 0 24 Bits Address 23 22 Command 0 1 2 3 4 5 6 7 42H CS# SCLK SI 8 9 10 28 29 30 31 3 2 1 0 23 22 21 24-bit address 42 43 44 45 41 46 47 40 50 51 52 53 49 54 55 48 6 5 4 3 2 1 0 7 CS# SCLK SI MSB Data Byte 2 32 33 34 35 7 6 5 4 3 2 1 0 MSB 6 5 4 3 2 1 0 7 6 5 4 3 2 1 0 7 Data Byte 1 Data Byte 3 Data Byte 1024 MSB MSB MSB 36 37 38 39 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |