Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25VQ40C Datasheet(PDF) 55 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25VQ40C
Description  Uniform Sector Dual and Quad Serial Flash
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25VQ40C Datasheet(HTML) 55 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25VQ40C Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ40C Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ40C Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ40C Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ40C Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ40C Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ40C Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ40C Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ40C Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 55 / 56 page
background image
Uniform Sector
Dual and Quad Serial Flash
GD25VQ40C
55
11. REVISION HISTORY
Version No
Description
Page
Date
1.0
Initial Release
All
2016-02-03
1.1
Modify Table of ID Definitions
P15
2016-02-04
1.2
Modify AC CHARACTERISTICS
P46
2016-02-15
1.3
Modify AC CHARACTERISTICS
P4
2016-03-24
1.4
Modify AC CHARACTERISTICS
P46
2016-05-23
1.5
Modify DC CHARACTERISTICS : Deep Power-Down Current
0.1~1uA Change to 1~5uA
P45
2016-09-28
1.6
Modify SFDP
P42
2017-6-26
1.7
Modify Icc9 from 400-800uA to 0.6-1.2mA
Modify tw max. value from 30ms to 40ms
Modify tBE2 from 0.5/0.8s to 0.5/1.2s
P45
P47
P47
2017-8-9
1.8
Delete Continuous Read Mode Reset (CRMR)(FFH)
Modify tVSL from 5ms to 1.8ms
Modify VWI min. value from 1.9V to 1.5V, VWI max. value from
2.5V to 2.3V
Delete VWI typ. value 2.1V
Delete tRST_P and tRST_R
Add tRST, max=30us
Add tRS to the AC Characteristic, of which the min value is 100us
Modify Ordering Information
Update the description of all packages
P33
P43
P43
P43
P47
P47
P47
P49
P51-55
2018-6-15
1.9
Modify VWI max value from 2.3V to 2.2V
Modify tSE max value from 150/300ms to 300ms
Modify tBE1 max value from 0.3/0.7s to 0.7s
Modify tBE2 max value from 0.5/1.2s to 1.2s
Update Ordering Information
Modify the description of USON8 3x2mm
Modify the description of USON8 3x4mm
P42
P46
P46
P46
P48-49
P54
P55
2018-12-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com