Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25WD20C Datasheet(PDF) 4 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25WD20C
Description  Uniform Sector Standard and Dual Serial Flash
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25WD20C Datasheet(HTML) 4 Page - GigaDevice Semiconductor (Beijing) Inc.

  GD25WD20C Datasheet HTML 1Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD20C Datasheet HTML 2Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD20C Datasheet HTML 3Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD20C Datasheet HTML 4Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD20C Datasheet HTML 5Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD20C Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD20C Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD20C Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD20C Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
Uniform Sector
Standard and Dual Serial Flash
GD25WD40C/20C
4
1. FEATURES
4M/2M-bit Serial Flash
Fast Program/Erase Speed
-512K/256K-byte
-Page Program time: 1.6ms typical
-256 bytes per programmable page
-Sector Erase time: 150ms typical
-Block Erase time: 0.5/0.8s typical
Standard, Dual Output
-Chip Erase time: 6/3s typical
-Standard SPI: SCLK, CS#, SI, SO, WP#
-Dual Output: SCLK, CS#, IO0, O1, WP#
Flexible Architecture
-Uniform Sector of 4K-byte
Clock Frequency
-Uniform Block of 32/64K-byte
-100MHz for fast read on 3.0~3.6V power supply
Dual Output Data Transfer up to 160Mbits/s
Low Power Consumption
-70MHz for fast read on 2.1~3.0V power supply
-0.1uA typical standby current
Dual Output Data Transfer up to 120Mbits/s
-0.1uA typical power down current
-50MHz for fast read on 1.65~2.1V power supply
Dual Output Data Transfer up to 80Mbits/s
Single Power Supply Voltage
-Full voltage range: 1.65~3.6V
Software/Hardware Write Protection
-Write protect all/portion of memory via software
Package option
-Enable/Disable protection with WP# Pin
-SOP8 150mil
-SOP8 208mil
Minimum 100,000 Program/Erase Cycles
-TSSOP8 173mil
-DIP8 300mil
Data Retention
-USON8 1.5*1.5mm
-20-year data retention typical
-USON8 3*2mm
-WLCSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com