Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25VQ16CEFG Datasheet(PDF) 49 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25VQ16CEFG
Description  Uniform Sector Dual and Quad Serial Flash
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25VQ16CEFG Datasheet(HTML) 49 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25VQ16CEFG Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ16CEFG Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ16CEFG Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ16CEFG Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ16CEFG Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ16CEFG Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ16CEFG Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ16CEFG Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD25VQ16CEFG Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 59 page
background image
Uniform Sector
Dual and Quad Serial Flash
GD25VQ16C
49
9.1. Valid Part Numbers
Please contact GigaDevice regional sales for the latest product selection and available form factors.
Temperature Range I: Industrial (-40
℃ to +85℃)
Product Number
Density
Package Type
GD25VQ16CTIG
16Mbit
SOP8 150mil
GD25VQ16CSIG
16Mbit
SOP8 208mil
GD25VQ16CEIG
16Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25VQ16CNIG
16Mbit
USON8 (3x4mm)
GD25VQ16CQIG
16Mbit
USON8 (4x4mm, 0.45mm thickness)
GD25VQ16CWIG
16Mbit
WSON8 (6x5mm)
GD25VQ16CZIG
16Mbit
TFBGA-24ball (6x4 Ball Array)
GD25VQ16CBIG
16Mbit
TFBGA-24ball (5x5 Ball Array)
Temperature Range F: Industrial+ (-40
℃ to +85℃)
Product Number
Density
Package Type
GD25VQ16CTFG
16Mbit
SOP8 150mil
GD25VQ16CSFG
16Mbit
SOP8 208mil
GD25VQ16CEFG
16Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25VQ16CNFG
16Mbit
USON8 (3x4mm)
GD25VQ16CQFG
16Mbit
USON8 (4x4mm, 0.45mm thickness)
GD25VQ16CWFG
16Mbit
WSON8 (6x5mm)
GD25VQ16CZFG
16Mbit
TFBGA-24ball (6x4 Ball Array)
GD25VQ16CBFG
16Mbit
TFBGA-24ball (5x5 Ball Array)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com