| Electronic Components Datasheet Search |
|
GD25WD40CTIG Datasheet(PDF) 17 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD25WD40CTIG Datasheet(HTML) 17 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
17 / 49 page ![]() Uniform Sector Standard and Dual Serial Flash GD25WD40C/20C 17 Figure4. Write Status Register Sequence Diagram 7.5. Read Data Bytes (READ) (03H) The Read Data Bytes (READ) command is followed by a 3-byte address (A23-A0), and each bit being latched-in on the rising edge of SCLK. Then the memory content, at that address, is shifted out on SO, and each bit being shifted out, at a Max frequency fR, on the falling edge of SCLK. The first byte addressed can be at any location. The address is automatically incremented to the next higher address after each byte of data is shifted out. The whole memory can, therefore, be read with a single Read Data Bytes (READ) command. Any Read Data Bytes (READ) command, while an Erase, Program or Write cycle is in progress, is rejected without having any effects on the cycle that is in progress. Figure5. Read Data Bytes Sequence Diagram 7.6. Read Data Bytes At Higher Speed (Fast Read) (0BH) The Read Data Bytes at Higher Speed (Fast Read) command is for quickly reading data out. It is followed by a 3-byte address (A23-A0) and a dummy byte, and each bit being latched-in on the rising edge of SCLK. Then the memory content, at that address, is shifted out on SO, and each bit being shifted out, at a Max frequency fC, on the falling edge of SCLK. The first byte addressed can be at any location. The address is automatically incremented to the next higher address after each byte of data is shifted out. Command 0 1 2 3 4 5 6 7 03H CS# SCLK SI SO High-Z 8 9 10 28 29 30 31 32 MSB 3 2 1 0 34 35 36 37 33 23 22 21 7 6 5 4 3 2 1 0 38 39 24-bit address MSB Data Out1 Data Out2 Command 0 1 2 3 4 5 6 7 01H CS# SCLK SI SO High-Z 8 9 10 11 12 13 14 15 MSB 7 6 5 4 3 2 1 0 Status Register in |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |