Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25WD10CTFG Datasheet(PDF) 36 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25WD10CTFG
Description  Uniform Sector Standard and Dual Serial Flash
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25WD10CTFG Datasheet(HTML) 36 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25WD10CTFG Datasheet HTML 32Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD10CTFG Datasheet HTML 33Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD10CTFG Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD10CTFG Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD10CTFG Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD10CTFG Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD10CTFG Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD10CTFG Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD10CTFG Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
Uniform Sector
Standard and Dual Serial Flash
GD25WD10C/05C
36
GD25WD10CKEG
1Mbit
USON8 (1.5x1.5mm)
GD25WD05CKEG
512Kbit
GD25WD10CEEG
1Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25WD05CEEG
512Kbit
Temperature Range F: Industrial+ (-40
℃ to +85℃)
Product Number
Density
Package Type
GD25WD10CTFG
1Mbit
SOP8 150mil
GD25WD05CTFG
512Kbit
GD25WD10CSFG
1Mbit
SOP8 208mil
GD25WD05CSFG
512Kbit
GD25WD10COFG
1Mbit
TSSOP8 173mil
GD25WD05COFG
512Kbit
GD25WD10CKFG
1Mbit
USON8 (1.5x1.5mm)
GD25WD05CKFG
512Kbit
GD25WD10CEFG
1Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25WD05CEFG
512Kbit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com