Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25WD10CSFG Datasheet(PDF) 35 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25WD10CSFG
Description  Uniform Sector Standard and Dual Serial Flash
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25WD10CSFG Datasheet(HTML) 35 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25WD10CSFG Datasheet HTML 31Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD10CSFG Datasheet HTML 32Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD10CSFG Datasheet HTML 33Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD10CSFG Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD10CSFG Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD10CSFG Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD10CSFG Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD10CSFG Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD10CSFG Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
Uniform Sector
Standard and Dual Serial Flash
GD25WD10C/05C
35
9.1.
Valid Part Numbers
Please contact GigaDevice regional sales for the latest product selection and available form factors.
Temperature Range I: Industrial (-40
℃ to +85℃)
Product Number
Density
Package Type
GD25WD10CTIG
1Mbit
SOP8 150mil
GD25WD05CTIG
512Kbit
GD25WD10CSIG
1Mbit
SOP8 208mil
GD25WD05CSIG
512Kbit
GD25WD10COIG
1Mbit
TSSOP8 173mil
GD25WD05COIG
512Kbit
GD25WD10CKIG
1Mbit
USON8 (1.5x1.5mm)
GD25WD05CKIG
512Kbit
GD25WD10CEIG
1Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25WD05CEIG
512Kbit
Temperature Range J: Industrial (-40
℃ to +105℃)
Product Number
Density
Package Type
GD25WD10CTJG
1Mbit
SOP8 150mil
GD25WD05CTJG
512Kbit
GD25WD10CSJG
1Mbit
SOP8 208mil
GD25WD05CSJG
512Kbit
GD25WD10COJG
1Mbit
TSSOP8 173mil
GD25WD05COJG
512Kbit
GD25WD10CKJG
1Mbit
USON8 (1.5x1.5mm)
GD25WD05CKJG
512Kbit
GD25WD10CEJG
1Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25WD05CEJG
512Kbit
Temperature Range E: Industrial (-40
℃ to +125℃)
Product Number
Density
Package Type
GD25WD10CTEG
1Mbit
SOP8 150mil
GD25WD05CTEG
512Kbit
GD25WD10CSEG
1Mbit
SOP8 208mil
GD25WD05CSEG
512Kbit
GD25WD10COEG
1Mbit
TSSOP8 173mil
GD25WD05COEG
512Kbit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com