Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS40LT1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BAS40LT1
Description  SCHOTTKY BARRIER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAS40LT1 Datasheet(HTML) 2 Page - ON Semiconductor

  BAS40LT1 Datasheet HTML 1Page - ON Semiconductor BAS40LT1 Datasheet HTML 2Page - ON Semiconductor BAS40LT1 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAS40LT1
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
Reverse Breakdown Voltage
(IR = 10 mA)
V(BR)R
40
V
Total Capacitance
(VR = 1.0 V, f = 1.0 MHz)
CT
5.0
pF
Reverse Leakage
(VR = 25 V)
IR
1.0
mAdc
Forward Voltage
(IF = 1.0 mAdc)
VF
380
mVdc
Forward Voltage
(IF = 10 mAdc)
VF
500
mVdc
Forward Voltage
(IF = 40 mAdc)
VF
1.0
Vdc
100
0
0.1
VF, FORWARD VOLTAGE (VOLTS)
0.2
0.3
0.4
0.5
10
1.0
0.1
85°C
10
0
VR, REVERSE VOLTAGE (VOLTS)
1.0
0.1
0.01
0.001
5.0
10
15
20
25
3.5
0
VR, REVERSE VOLTAGE (VOLTS)
3.0
1.0
0.5
0
5.0
10
15
40
Figure 1. Typical Forward Voltage
Figure 2. Reverse Current versus Reverse
Voltage
Figure 3. Typical Capacitance
−40°C
25°C
TA = 150°C
25°C
0.8
−55°C
125°C
150°C
100
25
20
1.5
2.0
2.5
0.6
0.7
125°C
85°C
30
35



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com