Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM5512 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5512
Description  High precision built-in MOSFET single-cell lithium battery protection IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5512 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5512 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5512 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5512 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5512 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5512 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5512 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5512 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5512 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5512 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
5 极限参数
参数
符号
值
单位
VDD 输入电压
VDD
-0.3 ~ 7
V
VM 输入电压
Vm
-3 ~ 6
V
结温范围
TJ
-40 ~ 150
℃
存储温度范围
Tstg
-60 ~ 150
℃
热阻(结温到环境)
θJA
50
℃/W
人体模型(HBM)
ESD
2
KV
*高于绝对最大额定值部分所列数值的应力有可能对器件造成永久性的损害,在任何绝对最大额定值条件下
暴露的时间过长都有可能影响器件的可靠性和使用寿命。
6 电气特性
除特别说明,TA=25℃
参数
符号
测试条件
最小值
典型值
最大值
单位
电压检测
过充电压
3.5V-4.1V
step 50mV
4.1V-4.575V step 25mV
VCU
VCU-0.04
VCU
VCU+0.04
V
过充恢复电压
3.9-4.4V
step 50mV
3.4-3.9V
step 100mV
VCL
VCL-0.1
VCL
VCL+0.1
V
过放电压
2.2-2.9v
step 100mV
VDL
VDL-0.1
VDL
VDL+0.1
V
过放恢复电压
2.4-3.1v
step 100mV
VDR
VDR-0.1
VDR
VDR+0.1
V
充电检测电压
VCHA
-0.12
-0.2
V
过充电压保护延迟时间
tCU
240
320
400
ms
过放电压保护延迟时间
tDL
40
80
120
ms
电流检测
放电过流
IIOV
65% IIOV
IIOV
135% IIOV
A
充电过流
IIOC
65% IIOC
IIOC
135% IIOV
A
短路电流
ISC
5
8
10
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com