Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS477 Datasheet(PDF) 1 Page - Anachip Corp

Part # ATS477
Description  Single Phase Hal Efect Latch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

ATS477 Datasheet(HTML) 1 Page - Anachip Corp

  ATS477 Datasheet HTML 1Page - Anachip Corp ATS477 Datasheet HTML 2Page - Anachip Corp ATS477 Datasheet HTML 3Page - Anachip Corp ATS477 Datasheet HTML 4Page - Anachip Corp ATS477 Datasheet HTML 5Page - Anachip Corp ATS477 Datasheet HTML 6Page - Anachip Corp ATS477 Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Single Phase Hall Effect Latch
ATS477
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev. A5 Apr 15, 2004
1/7
ATC
Features
- On-chip Hall sensor
- Bi-direction H type output drivers for single coil
- Internal bandgap regulator allows temperature
compensated operations and a wide operating
voltage range
- High output sinking capability up to 250mA
- Operating voltage: 3.5V~20V
- Low output switching current noise
- Build-in shunt Zener protection for output driver
- SOP-7L provide FG output pin
- Package: SIP-4L and SOP-7L
Applications
- Single-coil Brush-less DC Fan
- Single-coil Brush-less DC Motor
General Description
ATS477 that integrates Hall sensor with output
drivers is designed for electrical commutation of
brush-less DC motor application. The device
includes
on-chip
Hall
voltage
generator
for
magnetic sensing, the error amplifier that amplifies
the Hall voltage, a comparator that is to provide
switching hysteresis for noise rejection, the
bi-direction drivers for sinking and driving large
current load, and the frequency generator (FG) that
provides a signal proportional to rotation speed.
Internal bandgap regulator is used to provide
temperature compensated bias for internal circuits
and allows a wide operating supply voltage range.
Built-in protection circuit and output shunt Zener
diodes were applied for protecting output drivers
during operating.
If a magnetic flux density is larger than threshold
Bop, DO is turned to sink and DOB is turned to
drive. The output state is held until a magnetic flux
density reversal falls below Brp causing DO to be
turned to drive and DOB turned to sink.
ATS477 is rated for operation over-temperature
range from -20
oC to 85 oC and voltage range from
3.5V to 20V. The devices are available in low cost
die forms or rugged SIP-4L and power SOP-7L
packages.
Ordering Information
ATS477 X -X X X -X
Packing
Blank : Tube or Bulk
A
: Tape & Reel
P: SIP-4L
Package
Lead
L : Lead Free
Blank: Normal
Wafer Body
Magnetic
Characteristics
Blank or
A~Z : if necessary
to specify
A or B
S: SOP-7L
Application Circuit
Vcc
12
3
4
coil
coil
1
5
4
3
2
6
7
FG
Vcc
(SIP-4L)
(SOP 7)
Single-coil brush-less DC Fan


Similar Part No. - ATS477

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS470041033-EXL17-R0 ATS-ATS470041033-EXL17-R0 Datasheet
2Mb / 1P
ATS Extrusion Profiles
ATS470052019-EXL28-R0 ATS-ATS470052019-EXL28-R0 Datasheet
2Mb / 1P
ATS Extrusion Profiles
ATS470073025-EXL32-R0 ATS-ATS470073025-EXL32-R0 Datasheet
2Mb / 1P
ATS Extrusion Profiles
More results

Similar Description - ATS477

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH375 ANACHIP-AH375 Datasheet
196Kb / 6P
Single Phase Hall Effect Latch
Rev.1.3 Jan. 09, 2006
AH375 ANACHIP-AH375_1 Datasheet
183Kb / 6P
Single Phase Hall Effect Latch
logo
BCD Semiconductor Manuf...
AH477 BCDSEMI-AH477 Datasheet
54Kb / 2P
SINGLE PHASE HALL EFFECT LATCH
AH477A BCDSEMI-AH477A Datasheet
590Kb / 10P
SINGLE PHASE HALL EFFECT LATCH
AH477 BCDSEMI-AH477_09 Datasheet
588Kb / 10P
SINGLE PHASE HALL EFFECT LATCH
logo
Diodes Incorporated
AH375 DIODES-AH375 Datasheet
183Kb / 9P
SINGLE PHASE HALL EFFECT LATCH
Rev ersal
AH375-WLA DIODES-AH375-WLA Datasheet
183Kb / 9P
SINGLE PHASE HALL EFFECT LATCH
Rev ersal
AH375-WL-7 DIODES-AH375-WL-7 Datasheet
183Kb / 9P
SINGLE PHASE HALL EFFECT LATCH
Rev ersal
AH477A DIODES-AH477A Datasheet
847Kb / 10P
SINGLE PHASE HALL EFFECT LATCH
Rev erses
AH374 DIODES-AH374 Datasheet
520Kb / 12P
SINGLE PHASE HALL EFFECT LATCH
Rev ersal
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com