Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM5824GC Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5824GC
Description  3A Switch Charge 2.4A Synchronous Boost Mobile Power Management IC (PowerBank IC)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5824GC Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5824GC Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5824GC Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5824GC Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5824GC Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5824GC Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5824GC Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5824GC Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5824GC Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
7
HM5824
系列型号说明
引脚图及说明
封装形式
序号
引脚名称
引脚说明
1
Vbat
电池电压检测引脚
2
SW
外部电感连接端
3
Vbus
输入/输出引脚
4
Vcc
芯片电源引脚
5
LED
充放电指示灯引脚
6
EN
按键信号输入引脚,低电平使能
7
Comp
环路补偿引脚
8
NC
悬空脚
EP
GND
芯片地
型号
封装
LED/MODE 引脚功能说明
TEMP 功能
EN 使能电平
HM5824GA ESOP8
5 脚为 LED,充放电指示灯引脚:充电时闪
烁,充满电长亮;升压输出时常亮
此引脚浮空
低
HM5824TA ESOP8
此引脚必须接 NTC 电阻
低
HM5824GB ESOP8
4 脚为 mode,充放电状态指示引脚:充电
时为低电平;升压时为高电平,可作为外
部输入输出接口隔离 MOS 管的控制引脚
此引脚浮空
高
HM5824TB ESOP8
此引脚必须接 NTC 电阻
高
HM5824GC SOP8
无功能引脚
此引脚浮空
低
HM5824TC SOP8
无功能引脚
此引脚必须接 NTC 电阻
低
HM5824



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com